Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMV-R003-5 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # SMV-R003-5
Description  Precision Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

SMV-R003-5 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  SMV-R003-5 Datasheet HTML 1Page - RHOPOINT COMPONENTS SMV-R003-5 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Spec Sheet R431-2/2 Dec 97
Limits:
dR/R
0 after 1*10
6 pulse cycles : < 1%
average pulsepower < 1/10 P
0
RHOPOINT COMPONENTS LTD
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
ordering example: SMV - R003 - 5
type
SMV
resistance value
3 mOhm
tolerance
5 %
( Technical modifications reserved )
Proposal for PCB-layout
24 mm carrier tape according to IEC 286-3 (EIA-481)
parts/reel:
1500 pcs
Tape & Reel information
pulse width
power [W]
100
10
1
0.1
0.01
0.001
1k
10k
0.01
0.1
1
10
100
1k
1
µs
10
µs
100
µs
1 ms
10 ms
100 ms
1 s
10 s
100 s
100k



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com