Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKC91/06A Datasheet(PDF) 3 Page - International Rectifier

Part # IRKC91/06A
Description  ADD-A-pak GEN V Power Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKC91/06A Datasheet(HTML) 3 Page - International Rectifier

  IRKC91/06A Datasheet HTML 1Page - International Rectifier IRKC91/06A Datasheet HTML 2Page - International Rectifier IRKC91/06A Datasheet HTML 3Page - International Rectifier IRKC91/06A Datasheet HTML 4Page - International Rectifier IRKC91/06A Datasheet HTML 5Page - International Rectifier IRKC91/06A Datasheet HTML 6Page - International Rectifier IRKC91/06A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRK.91 Series
3
Bulletin I27141 rev. F 10/02
www.irf.com
T
J
Max. junction operating temperature range
-40 to 150
T
stg
Storage temperature range
-40 to 150
RthJC
Max. thermal resistance, junction to case
0.35
Per junction, DC operation
RthCS
Typical thermal resistance, case to heatsink
0.1
Mounting surface flat, smooth and greased
T
Mounting torque ±10%
to heatsink
5
busbar
4
wt
Approximate weight
110 (4)
g (oz)
Case style
TO-240AA
JEDEC
Parameter
IRK.91
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
A mounting compound is recommended and the
torque should be rechecked after a period of 3 hours
to allow for the spread of the compound
Nm
Sine half wave conduction
Rect. wave conduction
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.91
0.052
0.064
0.082
0.112
0.164
0.043
0.069
0.088
0.115
0.165
°C/W
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
IRK
D
91
/
16
A
1
2
3
Device Code
4
Ordering Information Table
1
-
Module type
2
-
Circuit configuration (See Circuit Configuration Table)
3
-
Current code
4
-
Voltage code (See Voltage Ratings Table)
5
-
A: Gen V
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com