Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKC91/06A Datasheet(PDF) 7 Page - International Rectifier

Part # IRKC91/06A
Description  ADD-A-pak GEN V Power Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKC91/06A Datasheet(HTML) 7 Page - International Rectifier

  IRKC91/06A Datasheet HTML 1Page - International Rectifier IRKC91/06A Datasheet HTML 2Page - International Rectifier IRKC91/06A Datasheet HTML 3Page - International Rectifier IRKC91/06A Datasheet HTML 4Page - International Rectifier IRKC91/06A Datasheet HTML 5Page - International Rectifier IRKC91/06A Datasheet HTML 6Page - International Rectifier IRKC91/06A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IRK.91 Series
7
Bulletin I27141 rev. F 10/02
www.irf.com
Fig. 10 - Forward Voltage Drop Characteristics
Fig. 11 - Thermal Impedance Z
thJC Characteristic
10
100
1000
0.5
1
1.5
2
2.5
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
IRK.91.. Series
Per Junction
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value:
R
= 0.35 K/W
(DC Operation)
IRK.91.. Series
Per Junction
thJC
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 10/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com