Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI_P Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPI_P
Description  NPI Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI_P Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPI_P Datasheet HTML 1Page - NIC-Components Corp. NPI_P Datasheet HTML 2Page - NIC-Components Corp. NPI_P Datasheet HTML 3Page - NIC-Components Corp. NPI_P Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
72
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Power Inductors
NPI__P Series
Part Number
STANDARD VALUES - CASE SIZE 54 (22.4 x 16.3 x 12.00mm)
Inductance Value
(µH)
SRF (Typical)
MHz
DC Resistance
(Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Fre-
quency
NPI55P2R8MTRF
2.8 ± 20%
65
0.005
12.1
33.4
100KHz
NPI55P3R9MTRF
3.9 ± 20%
40
0.006
11.2
26.8
NPI55P6R8MTRF
6.8 ± 20%
30
0.009
9.6
22.5
NPI55P100MTRF
10 ± 20%
22
0.011
8.6
17.8
1KHz
NPI55P120MTRF
12 ± 20%
21
0.013
7.4
15.9
Maximum +40°C temperature rise at Irms. Typical -10% inductance change at Isat.
Part Number
STANDARD VALUES - CASE SIZE 50 (18.5 x 15.2 x 12.00mm)
Inductance Value
(µH)
SRF (Typical)
MHz
DC Resistance
(Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Fre-
quency
NPI53P150MTRF
15 ± 20%
18
0.02
6.5
13.8
1KHz
NPI53P180MTRF
18 ± 20%
16
0.022
6
13.2
NPI53P220MTRF
22 ± 20%
16
0.024
5.7
11.8
NPI53P330MTRF
33 ± 20%
13
0.037
4.5
9.6
NPI53P470MTRF
47 ± 20%
8
0.052
3.7
7.8
NPI53P680MTRF
68 ± 20%
7
0.067
3.4
6.7
NPI53P101MTRF
100 ± 20%
6
0.115
2.8
5.6
NPI53P331KTRF
330 ± 10%
3
0.325
1.5
3
NPI53P681KTRF
680 ± 10%
2
0.178
1.1
2
NPI53P142KTRF
1400 ± 10%
1
1.3
0.7
1.5
Maximum +40°C temperature rise at Irms. Typical -10% inductance change at Isat.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com