Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI_P Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPI_P
Description  NPI Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI_P Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPI_P Datasheet HTML 1Page - NIC-Components Corp. NPI_P Datasheet HTML 2Page - NIC-Components Corp. NPI_P Datasheet HTML 3Page - NIC-Components Corp. NPI_P Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
70
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Power Inductors
NPI__P Series
Series
A
B
C
G (Ref)
H (Ref)
I (Ref)
NPI31P
9.9*
13.2*
6.4*
8.6*
4.1*
1.6*
NPI52P
15.2*
18.5*
8.0*
14.0*
6.4*
1.9*
NPI53P
15.2
18.5
12.0
14.0
6.4
1.9
NPI55P
16.3
22.4
12.0
14.3
11.9
3.2
FEATURES
• ULTRA HIGH CURRENT (UP TO 33.4 AMPS)
• SURFACE MOUNTABLE CONSTRUCTION
• INDUCTANCE VALUES UP TO 1,400µH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN DC/DC CONVERTERS, STEPDOWN CONVERTERS
CHARACTERISTICS
NPI 31 P 4R7 M TR F
Termination Finish:
F = RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (µH): 1st two digits are significant, R is deci-
mal point, 3rd digit is multiplier for values from 10µH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
DIMENSIONS (mm)
LAND PATTERN
Case Size
NPI31P
NPI52P
NPI53P
NPI55P
Inductance Range
0.33 ~ 4.7µH
0.78 ~ 1,000µH
15 ~ 1,400µH
2.8 ~ 10µH
Ambient Operating Temperature Range
-40°C ~ +85°C
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise at Irms
40°C max.
Inductance Change at Isat
-10% typical
Inductance Tolerance
20% (M), 10% (K)
Resistance to Solder Heat
260°C for 10 seconds
CONSTRUCTION
A
B
C
G
I
H
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]


Similar Part No. - NPI_P

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
NPI Power Inductors
More results

Similar Description - NPI_P

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
logo
NIC-Components Corp.
NPI-C NIC-NPI-C Datasheet
241Kb / 9P
NPI Power Inductors
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
NPI Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
NPI Unshielded Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
NPI Power Inductors
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
NPI Unshielded Power Inductors
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
NPI Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com