Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM_C Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIM_C
Description  NPIM Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_C Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIM_C Datasheet HTML 1Page - NIC-Components Corp. NPIM_C Datasheet HTML 2Page - NIC-Components Corp. NPIM_C Datasheet HTML 3Page - NIC-Components Corp. NPIM_C Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Part Number
STANDARD VALUES - CASE SIZE 104C
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM104CR68MTRF
0.68
2.7
22
39
100KHz
NPIM104CR88MTRF
0.88
3.0
20
38
NPIM104C1R5MTRF
1.5
4.2
16
33
NPIM104C2R2MTRF
2.2
7.0
12
27
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat.
NPIM__C Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 42C ( 4.15 X 4.0 X 1.8mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM42CR10MTRF
0.1
5.0
11
30
100KHz
NPIM42CR22MTRF
0.22
8.0
9
17
NPIM42CR47MTRF
0.47
15.5
6
11.5
NPIM42C1R0MTRF
1.0
36
3.8
8.5
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat.
Contact NIC for
NPIM42C Performance Curves
Part Number
STANDARD VALUES - CASE SIZE 74 (6.95 X 6.6 X 2.8mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM74CR10MTRF
0.1
1.7
32.5
60
100KHz
NPIM74CR20MTRF
0.2
3
24
41
NPIM74CR22MTRF
0.22
2.8
23
40
NPIM74CR33MTRF
0.33
3.9
20
30
NPIM74CR47MTRF
0.47
4.2
17.5
26
NPIM74CR56MTRF
0.56
5
16.5
25.5
NPIM74CR68MTRF
0.68
5.5
15.5
25
NPIM74CR75MTRF
0.75
6.2
14
24.5
NPIM74CR82MTRF
0.82
8
13
24
NPIM74C1R0MTRF
1.0
10
11
22
NPIM74C1R2MTRF
1.2
12
10
20
NPIM74C1R5MTRF
1.5
15
9
18
NPIM74C2R0MTRF
2.0
18
8.2
14
NPIM74C2R2MTRF
2.2
20
8
14
NPIM74C2R5MTRF
2.5
22
7
14
NPIM74C3R3MTRF
3.3
30
6
13.5
NPIM74C4R7MTRF
4.7
40
5.5
10
NPIM74C6R8MTRF
6.8
60
4.5
8
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Contact NIC for
NPIM74C Performance Curves
Contact NIC for
NPIM104C Performance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com