Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM_C Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIM_C
Description  NPIM Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_C Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIM_C Datasheet HTML 1Page - NIC-Components Corp. NPIM_C Datasheet HTML 2Page - NIC-Components Corp. NPIM_C Datasheet HTML 3Page - NIC-Components Corp. NPIM_C Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIM__C Series
NPIM Shielded Power Inductors
FEATURES
• SHIELDED POWER INDUCTOR
• MOLDED METAL COMPOSITE CONSTRUCTION
• HIGH SATURATION CURRENT CHARACTERISTICS (~ 110A)
• HIGH EFFICIENCY (2X IMPROVEMENT OVER
FERRITE CORE INDUCTORS)
• LOW PROFILE (1.8mm ~ 5.2mm)
Case Code
42C
74C
104C
143C
145C
Inductance Range (
μH)
0.1 ~ 1.0
0.1 ~ 6.8
0.68 ~ 2.2
0.22 ~ 3.3
0.36 ~ 6.8
Ambient Operating Temperature Range
-55°C ~ +85°C
Maximum Component Temperature
(Ambient + Self-Heating)
+125°C
Temperature Rise at Irms
+40°C
Inductance Change at Isat
-20%
Inductance Tolerance
±20%
Resistance to Solder Heat
260°C ±5°C for 10 seconds
Series
Value
A
B
C
D
1
D
2
E
1
E
2
t
NPIM42C
All
4.15 ± 0.35
4.0 ± 0.3
1.8 ± 0.2
0.8 ± 0.3
1.0 ± 0.1
1.5 ± 0.3
2.2 ± 0.2
0 ~ +0.15
NPIM74C
All
6.95 ± 0.35
6.6 ± 0.2
2.8 ± 0.2
1.6 ± 0.3
2.0 ± 0.1
3.0 ± 0.3
3.6 ± 0.2
0 ~ +0.15
NPIM104C
R15 ~ 1R5
11.15 ± 0.35
10.0 ± 0.3
3.8 ± 0.2
2.0 ± 0.5
2.5 ± 0.1
3.0 ± 0.5
5.0 ± 0.2
0 ~ +0.15
2R2 ~ 4R7
10.85 ± 0.35
NPIM143C
R22 ~ R68
13.45 ± 0.35
12.6 ± 0.2
3.3 ± 0.2
2.0 ± 0.5
2.5 ± 0.1
4.0 ± 0.5
6.0 ± 0.2
0 ~ +0.15
1R0 ~ 3R3
13.45 ± 0.35
3.0 ± 0.5
NPIM145C
R36
13.65 ± 0.35
12.6 ± 0.2
5.0 ± 0.2
2.0 ± 0.5
2.5 ± 0.1
4.0 ± 0.5
6.0 ± 0.2
0 ~ +0.15
R15 ~ 1R5
13.45 ± 0.35
4.8 ± 0.2
2R2 ~ 6R8
3.0 ± 0.5
CHARACTERISTICS
DIMENSIONS (mm)
*See Part Number System for Details
)
RoHS
Compliant
includes all homogeneous materials
C
t
A
E
1
E
2
D
2
D
1
B
R22
PART NUMBER SYSTEM
NPIM -- C 4R7 M TR F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (
μH): 1st two digits are significant,
3rd digit is multiplier for values from 10
μH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series


Similar Part No. - NPIM_C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
NPIM Shielded Power Inductors
More results

Similar Description - NPIM_C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
NPIM Shielded Power Inductors
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
NPIM Shielded Power Inductors
NPIM_P NIC-NPIM_P Datasheet
466Kb / 11P
NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com