Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM99 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM99
Description  짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM99 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM99 Datasheet HTML 9Page - National Semiconductor (TI) LM99 Datasheet HTML 10Page - National Semiconductor (TI) LM99 Datasheet HTML 11Page - National Semiconductor (TI) LM99 Datasheet HTML 12Page - National Semiconductor (TI) LM99 Datasheet HTML 13Page - National Semiconductor (TI) LM99 Datasheet HTML 14Page - National Semiconductor (TI) LM99 Datasheet HTML 15Page - National Semiconductor (TI) LM99 Datasheet HTML 16Page - National Semiconductor (TI) LM99 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1.0 Functional Description (Continued)
1.11 DIGITAL FILTER
D2
D1
Filter
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
In order to suppress erroneous remote temperature readings
due to noise, the LM99 incorporates a user-configured digital
filter. The filter is accessed in the FILTER and ALERT CON-
FIGURE REGISTER at BFh. The filter can be set according
to the table shown.
Level 2 sets maximum filtering.
Figure 8 depict the filter output to in response to a step input
and an impulse input. Figure 9 depicts the digital filter in use
in a Pentium 4 processor system. Note that the two curves,
with filter and without, have been purposely offset so that
both responses can be clearly seen. Inserting the filter does
not induce an offset as shown.
20053825
a) Step Response
20053826
b) Impulse Response
FIGURE 8. Filter Output Response to a Step Input
20053827
FIGURE 9. Digital Filter Response in a Pentium 4 processor System. The filter on and off curves were purposely
offset to better show noise performance.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com