Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM99 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM99
Description  짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM99 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM99 Datasheet HTML 12Page - National Semiconductor (TI) LM99 Datasheet HTML 13Page - National Semiconductor (TI) LM99 Datasheet HTML 14Page - National Semiconductor (TI) LM99 Datasheet HTML 15Page - National Semiconductor (TI) LM99 Datasheet HTML 16Page - National Semiconductor (TI) LM99 Datasheet HTML 17Page - National Semiconductor (TI) LM99 Datasheet HTML 18Page - National Semiconductor (TI) LM99 Datasheet HTML 19Page - National Semiconductor (TI) LM99 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2.0 LM99 Registers (Continued)
2.8 REMOTE TEMPERATURE OFFSET REGISTERS (RTOHB and RTOLB)
(Read / Write Address 11h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
For RTOHB: Remote Temperature Offset High Byte. Power-on default is LHIGH = RHIGH = 0˚C. 1 LSB = 1˚C. Two’s complement
format.
(Read / Write Address 12h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0000
0
For RTOLB: Remote Temperature Offset High Byte. Power-on default is 0˚C. 1 LSB = 0.125˚C. Two’s complement format.
The offset value written to these registers will automatically be added to or subtracted from the remote temperature measurement
that will be reported in the Remote Temperature registers.
2.9 LOCAL and REMOTE T_CRIT REGISTERS (RCS and LCS)
(Read / Write Address 20h, 19h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
D7–D0: T_CRIT setpoint temperature data. Local power-on default is T_CRIT = 85˚C. Remote power-on default is T_CRIT =
110˚C (+126˚C actual remote diode temperature). 1 LSB = 1˚C, two’s complement format.
2.10 T_CRIT HYSTERESIS REGISTER (TH)
(Read and Write Address 21h):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
16
842
1
D7–D0: T_CRIT Hysteresis temperature. Power-on default is TH = 10˚C. 1 LSB = 1˚C, maximum value = 31.
2.11 FILTER and ALERT CONFIGURE REGISTER
(Read and Write Address BFh):
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
00000
Filter Level
ALERT
Configure
D7-D3: is not defined defaults to "0".
D2-D1: input filter setting as defined the table below:
D2
D1
Filter Level
0
0
No Filter
0
1
Level 1
1
0
Level 1
1
1
Level 2
Level 2 sets maximum filtering.
D0: when set to "1" comparator mode is enabled.
2.12 MANUFACTURERS ID REGISTER
(Read Address FEh) Default value 01h.
2.13 DIE REVISION CODE REGISTER
(Read Address FFh) The LM99 version has a default value 31h or 49 decimal. The LM99-1 version has a default value of 34h or
52 decimal. This register will increment by 1 every time there is a revision to the die by National Semiconductor.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com