Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGD_C Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NGD_C
Description  Multilayer Chip Diplexers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGD_C Datasheet(HTML) 2 Page - NIC-Components Corp.

  NGD_C Datasheet HTML 1Page - NIC-Components Corp. NGD_C Datasheet HTML 2Page - NIC-Components Corp. NGD_C Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
®
Specifications are subject to change
Specifications are subject to change
NGD_C Series
Multilayer Chip Diplexers
NGD_C Series
Multilayer Chip Diplexers
Part Number
Standard Values - Case Size 0603 (1.6 x 0.8 x 0.6mm)
Frequency
Range
Impedance
(Ω)
Frequency
(MHz)
Max. IL in BW
@ 25°C (dB)
Ripple in
BW @
25°C (dB)
Max. VSWR
in BW @
25°C (dB)
Min.
Attenuation
@ 25°C (dB)
NGD0603C2R450G1TRF
Low
50
2400 ~ 2500
1.0
0.5
2.0
-
4800 ~ 6000
-
-
-
18
7200 ~ 7500
-
-
-
18
High
2400 ~ 2500
-
-
-
18
4900 ~ 5900
1.6
1.0
2.0
-
9800 ~ 11800
-
-
-
15
NGD0603C2R450G2TRF
Low
50
2400 ~ 2500
1.0
0.5
2.0
-
4800 ~ 6000
-
-
-
18
7200 ~ 7500
-
-
-
18
High
2400 ~ 2500
-
-
-
18
4900 ~ 5900
1.6
1.0
2.0
-
9800 ~ 11800
-
-
-
15
NGD0603C Size
Part Number
Standard Values - Case Size 0805 (2.0 x 1.2 mm)
Frequency
Range
Impedance
(Ω)
Frequency
(MHz)
Max. IL in BW
@ 25°C (dB)
Ripple in
BW @
25°C (dB)
Max. VSWR
in BW @
25°C (dB)
Min.
Attenuation
@ 25°C (dB)
NGD0805C2R450G1TRF
(C: 0.95 ± 0.1 mm)
Low
50
824 ~ 960
0.6
0.3
2.0
-
1710 ~ 1880
1.0
0.5
2.0
-
1880 ~ 1990
1.5
0.7
2.0
-
2400 ~ 2500
-
-
-
15
High
824 ~ 1990
-
-
-
20
2400 ~ 2500
2.0
1.0
2.0
-
NGD0805C2R450G2TRF
(C: 0.95 ± 0.1 mm)
Low
50
2400 ~ 2500
0.7
0.3
2.0
-
4800 ~ 6000
-
-
-
18
7200 ~ 7500
-
-
-
18
High
4900 ~ 5900
1.0
0.5
2.0
-
1800 ~ 2500
-
-
-
19
10300 ~ 10700
-
-
-
25
NGD0805C2R450G3TRF
(C: 0.8 ± 0.1 mm)
Low
50
824 ~ 915
-
-
-
28
1545 ~ 1610
-
-
-
28
1710 ~ 1990
-
-
-
24
2110 ~ 2170
-
-
-
18
2400 ~ 2500
2.4
-
2.0
-
4800 ~ 5000
-
-
-
27
7200 ~ 7500
-
-
-
20
High
1545 ~ 1610
-
-
-
25
2400 ~ 2500
-
-
-
25
5150 ~ 5850
1.2
-
2.0
-
10300 ~ 11700
-
-
-
20
NGD0805C2R450G4TRF
(C: 0.8 ± 0.1 mm)
Low
50
824 ~ 915
-
-
-
28
1545 ~ 1610
-
-
-
28
1710 ~ 1990
-
-
-
24
2110 ~ 2170
-
-
-
18
2400 ~ 2500
2.4
-
2.0
-
4800 ~ 5000
-
-
-
27
7200 ~ 7500
-
-
-
20
High
1545 ~ 1610
-
-
-
25
2400 ~ 2500
-
-
-
25
5150 ~ 5850
1.2
-
2.0
-
10300 ~ 11700
-
-
-
20
NGD0805C Size
PIN
(1)
(2)
(3)
(4)
(5)
(6)
NGD0603C2R450G1TRF
High
Ground
Low
Ground
Common
Ground
NGD0603C2R450G2TRF
Low
High
PIN
(1)
(2)
(3)
(4)
(5)
(6)
NGD0805C2R450G1TRF
High
Ground
Low
Ground
Common
Ground
NGD0805C2R450G2TRF
High
Low
NGD0805C2R450G3TRF
Low
Ground
High
Ground
Common
Ground
NGD0805C2R450G4TRF
High
Low
(1)
(2)
(3)
(6)
(5)
(4)
(1)
(2)
(3)
(6)
(5)
(4)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com