Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGD_C Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NGD_C
Description  Multilayer Chip Diplexers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGD_C Datasheet(HTML) 1 Page - NIC-Components Corp.

  NGD_C Datasheet HTML 1Page - NIC-Components Corp. NGD_C Datasheet HTML 2Page - NIC-Components Corp. NGD_C Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGD_C Series
Multilayer Chip Diplexers
FEATURES
• LOW INSERTION LOSS
• HIGH ATTENTUATION
• LOW COST LTCC CONSTRUCTION
• SURFACE MOUNTABLE CONSTRUCTION
• TAPED AND REELED FOR AUTOMATIC INSERTION
Case Code
0603
0805
1210
Low Frequency Range (Min.)
2400 ~ 2500 MHz
Refer to Part
Number Table
900 ~ 1450 MHz
High Frequency Range (Max.)
9800 ~ 11800 MHz
1650 ~ 2200 MHz
Operating Temperature Range
-40°C ~ +85°C
Impedance
50
Ω
Resistance to Solder Heat
+260°C for 10 seconds
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
DIMENSIONS (mm)
Case Code
DIMENSIONS
LAND PATTERNS
A
B
C
D
E
F
G
H
I
J
K
NGD0603C
1.6 ± 0.1
0.8 ± 0.1
0.6 ± 0.1
0.15 ± 0.1
0.2 ± 0.1
0.5 ± 0.1
0.3
0.55
0.25
0.5
-
NGD0805C
2.0 ± 0.15 1.2 ± 0.15
0.95 ± 0.1
0.2 ± 0.1
0.3 ± 0.15 0.65 ± 0.1
0.75
0.5
0.35
0.65
-
0.8 ± 0.1
NGD1210C
3.2 ± 0.2
2.5 ± 0.2
1.5 ± 0.1
0.3 ± 0.2
0.55 ± 0.2
1.0 ± 0.1
1.6
0.95
0.6
-
0.35
RoHS Compliant
Packaging: TR = Tape & Reel
Layout Code
Frequency Code (Ghz): “R” indicates decimal
Size Code (see dimensions table for details)
Series
PART NUMBER SYSTEM
NGD 0805C 2R450 G1 TR F
COMPONENT LAYOUT
E
F
C
I
J
H
G
A
B
D
(1)
(2)
(3)
(6)
(5)
(4)
Refer to Part Number
Table for PIN Layout
LAND PATTERNS
K


Similar Part No. - NGD_C

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NGD-C NIC-NGD-C Datasheet
332Kb / 5P
Multilayer Chip Diplexers
More results

Similar Description - NGD_C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPX202170DT-4021A1 TDK-DPX202170DT-4021A1 Datasheet
334Kb / 18P
Multilayer Diplexers, DPX Series
logo
Murata Manufacturing Co...
LFD21920MDP1A048 MURATA-LFD21920MDP1A048 Datasheet
52Kb / 2P
Microwave Components Chip Multilayer Diplexers
LFD21859MDP2A076 MURATA-LFD21859MDP2A076 Datasheet
52Kb / 2P
Chip Multilayer Diplexers
logo
TDK Electronics
DPX202690DT TDK-DPX202690DT Datasheet
56Kb / 2P
Multilayer Chip Diplexers For UMTS LTE
logo
NIC-Components Corp.
NGD-C NIC-NGD-C Datasheet
332Kb / 5P
Multilayer Chip Diplexers
logo
Taiyo Yuden (U.S.A.), I...
FI168P157525-T TAIYO-YUDEN-FI168P157525-T Datasheet
247Kb / 2P
Multilayer Ceramic Devices (Diplexers)
FI212P085912-T TAIYO-YUDEN-FI212P085912-T Datasheet
249Kb / 2P
Multilayer Ceramic Devices (Diplexers)
FI212P089208-T TAIYO-YUDEN-FI212P089208-T Datasheet
249Kb / 2P
Multilayer Ceramic Devices (Diplexers)
TSD1N18B829MLV0CZT TAIYO-YUDEN-TSD1N18B829MLV0CZT Datasheet
306Kb / 2P
Multilayer Ceramic Devices (Diplexers)
2021.11.26
TSD1N18D2G45NS030T TAIYO-YUDEN-TSD1N18D2G45NS030T Datasheet
305Kb / 2P
Multilayer Ceramic Devices (Diplexers)
2022.04.08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com