Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2742 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2742
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2742 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2742 Datasheet HTML 14Page - National Semiconductor (TI) LM2742 Datasheet HTML 15Page - National Semiconductor (TI) LM2742 Datasheet HTML 16Page - National Semiconductor (TI) LM2742 Datasheet HTML 17Page - National Semiconductor (TI) LM2742 Datasheet HTML 18Page - National Semiconductor (TI) LM2742 Datasheet HTML 19Page - National Semiconductor (TI) LM2742 Datasheet HTML 20Page - National Semiconductor (TI) LM2742 Datasheet HTML 21Page - National Semiconductor (TI) LM2742 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TABLE 8. Bill of Materials for Circuit of Figure 7 (Continued)
ID
Part Number
Type
Size
Parameters
Qty.
Vendor
U2
LM78L05
Voltage
Regulator
SO-8
1
NSC
Q1/Q2
Si4826DY
Assymetric Dual
N-MOSFET
SO-8
30V, 24m
Ω/ 8nC
Top 16.5m
Ω/ 15nC
1
Vishay
D1
BAT-54
Schottky Diode
SOT-23
30V
1
Vishay
Lin
RLF7030T-1R0N64
Inductor
6.8x7.1x3.2mm
1µH, 6.4A, 7.3m
Ω
1
TDK
L1
SLF12565T-4R2N5R5
Inductor
12.5x12.5x6.5mm
4.2µH, 5.5A, 15m
Ω
1
TDK
Cin1
16MV680WG
Al-E
D: 10mm L:
12.5mm
680µF 16V 3.4Arms
1
Sanyo
Cinx
C3216X5R1C106M
MLCC
1210
10µF 16V 3.4Arms
1
TDK
Co1 Co2
16MV680WG
MLCC
1812
15µF 25V 3.3Arms
1
Sanyo
Cox
C3216X5R10J06M
MLCC
1206
10µF 6.3V 2.7A
TDK
Cboot
VJ1206X104XXA
Capacitor
1206
0.1µF, 25V
1
Vishay
Cin
C3216X7R1E225K
Capacitor
1206
2.2µF, 25V
1
TDK
Css
VJ1206X123KXX
Capacitor
1206
12nF, 25V
1
Vishay
Cc1
VJ1206A8R2KXX
Capacitor
1206
8.2pF 10%
1
Vishay
Cc2
VJ1206X102KXX
Capacitor
1206
1nF 10%
1
Vishay
Cc3
VJ1206X472KXX
Capacitor
1206
4.7nF 10%
1
Vishay
Rfadj
CRCW12063252F
Resistor
1206
32.5k
Ω 1%
1
Vishay
Rc1
CRCW12065232F
Resistor
1206
52.3k
Ω 1%
1
Vishay
Rc2
CRCW120662371F
Resistor
1206
2.37
Ω 1%
1
Vishay
Rfb1
CRCW12062211F
Resistor
1206
2.21k
Ω 1%
1
Vishay
Rfb2
CRCW12061002F
Resistor
1206
10k
Ω 1%
1
Vishay
Rcs
CRCW1206202J
Resistor
1206
2k
Ω 5%
1
Vishay
TABLE 9. Bill of Materials for Circuit of Figure 8
ID
Part Number
Type
Size
Parameters
Qty.
Vendor
U1
LM2742
Synchronous
Controller
TSSOP-14
1
NSC
Q1
Si4894DY
N-MOSFET
SO-8
30V, 15m
Ω, 11.5nC
1
Vishay
D2
MBRS330T3
Schottky Diode
SO-8
30V, 3A
1
ON
L1
SLF12565T-470M2R4
Inductor
12.5x12.8x 4.7mm
47µH, 2.7A 53m
Ω
1
TDK
D1
MBR0520
Schottky Diode
1812
20V 0.5A
1
ON
Cin1
16MV680WG
Al-E
1206
680µF, 16V, 1.54Arms
1
Sanyo
Cinx
C3216X5R1C106M
MLCC
1206
10µF, 16V, 3.4Arms
1
TDK
Co1, Co2
16MV680WG
Al-E
D: 10mm L:
12.5mm
680µF 16V 26m
Ω
2
Sanyo
Cox
C3216X5R10J06M
MLCC
1206
10µF, 6.3V 2.7A
1
TDK
Cboot
VJ1206X104XXA
Capacitor
1206
0.1µF, 25V
1
Vishay
Cin
C3216X7R1E225K
Capacitor
1206
2.2µF, 25V
1
TDK
Css
VJ1206X123KXX
Capacitor
1206
12nF, 25V
1
Vishay
Cc1
VJ1206A561KXX
Capacitor
1206
56pF 10%
1
Vishay
Cc2
VJ1206X392KXX
Capacitor
1206
3.9nF 10%
1
Vishay
Cc3
VJ1206X223KXX
Capacitor
1206
22nF 10%
1
Vishay
Rfadj
CRCW12062673F
Resistor
1206
267k
Ω 1%
1
Vishay
Rc1
CRCW12066192F
Resistor
1206
61.9k
Ω 1%
1
Vishay
Rc2
CRCW12067503F
Resistor
1206
750k
Ω 1%
1
Vishay
Rfb1
CRCW12061371F
Resistor
1206
1.37k
Ω 1%
1
Vishay
Rfb2
CRCW12061002F
Resistor
1206
10k
Ω 1%
1
Vishay
Rcs
CRCW1206122F
Resistor
1206
1.2k
Ω 5%
1
Vishay
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com