Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2742 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2742
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2742 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2742 Datasheet HTML 9Page - National Semiconductor (TI) LM2742 Datasheet HTML 10Page - National Semiconductor (TI) LM2742 Datasheet HTML 11Page - National Semiconductor (TI) LM2742 Datasheet HTML 12Page - National Semiconductor (TI) LM2742 Datasheet HTML 13Page - National Semiconductor (TI) LM2742 Datasheet HTML 14Page - National Semiconductor (TI) LM2742 Datasheet HTML 15Page - National Semiconductor (TI) LM2742 Datasheet HTML 16Page - National Semiconductor (TI) LM2742 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Information (Continued)
FET Conduction Loss
P
Cn = 0.533W
Input Capacitor Loss
4.28
2*0.018/2 = 0.164W
Input Inductor Loss
P
Lin =I
2
in * DCRinput-L
2.82
2*0.007 = 0.055W
Output Inductor Loss
P
Lout =I
2
o * DCRoutput-L
10
2*0.004 = 0.4W
System Efficiency
Example Circuits
This circuit and the one featured on the front page have been
designed to deliver high current and high efficiency in a small
package, both in area and in height The tallest component in
this circuit is the inductor L1, which is 6mm tall. The com-
pensation has been designed to tolerate input voltages from
5 to 16V.
20087503
FIGURE 2. 5V-16V to 3.3V, 10A, 300kHz
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com