Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFM Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NFM
Description  Surface Mount Multilayer Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFM Datasheet(HTML) 2 Page - NIC-Components Corp.

  NFM Datasheet HTML 1Page - NIC-Components Corp. NFM Datasheet HTML 2Page - NIC-Components Corp. NFM Datasheet HTML 3Page - NIC-Components Corp. NFM Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
NIC
P/N
'L'
Inductance
(mH)
Tolerance
"L" Test
Frequency
(MHz)
SRF
MHz
(min.)
DCR
(ohms)
Isat
Max.
(A)
Irms
Max.
(A)
Thickness
(mm)
NFM0805T_R33TR170F
0.33
±20% (M), ±30% (N)
3
25
0.069
2.2
1.7
0.5 ± 0.1
NFM0805T_R47TR160F
0.47
±20% (M), ±30% (N)
3
23
0.086
2.0
1.6
NFM0805T_R56TR140F
0.56
±20% (M), ±30% (N)
3
21
0.100
1.8
1.4
NFM0805T_R33TR240F
0.33
±20% (M), ±30% (N)
3
24
0.037
3.6
2.4
0.9 ± 0.1
NFM0805T_R47TR220F
0.47
±20% (M), ±30% (N)
3
20
0.044
3.3
2.2
NFM0805T_R56TR200F
0.56
±20% (M), ±30% (N)
3
18
0.054
3.0
2.0
NFM0805T_R68TR170F
0.68
±20% (M), ±30% (N)
3
16
0.064
2.4
1.7
NFM0805 SERIES
0805 CASE SIZE
Surface Mount Multilayer Inductor
NFM Series
NIC
P/N
'L'
Inductance
(mH)
Tolerance
"L" Test
Frequency
(MHz)
SRF
MHz
(min.)
DCR
(ohms)
Isat
Max.
(A)
Irms
Max.
(A)
Thickness
(mm)
NFM0806P_R24TR290F
0.24
±20% (M), ±30% (N)
3
36
0.043
2.8
2.9
0.5 ± 0.1
NFM0806P_R33TR270F
0.33
±20% (M), ±30% (N)
3
28
0.056
2.3
2.7
NFM0806P_R47TR190F
0.47
±20% (M), ±30% (N)
3
26
0.065
2.0
1.9
NFM0806P_R56TR180F
0.56
±20% (M), ±30% (N)
3
24
0.080
1.8
1.8
NFM0806P_R82TR170F
0.82
±20% (M), ±30% (N)
3
20
0.112
1.5
1.7
NFM0806R_R24TR290F
0.24
±20% (M), ±30% (N)
3
34
0.043
3.0
2.9
0.7 ± 0.1
NFM0806R_R47TR270F
0.47
±20% (M), ±30% (N)
3
21
0.056
2.5
2.7
NFM0806R_R56TR190F
0.56
±20% (M), ±30% (N)
3
19
0.065
2.2
1.9
NFM0806R_R82TR180F
0.82
±20% (M), ±30% (N)
3
17
0.080
1.8
1.8
NFM0806T_R24TR470F
0.24
±20% (M), ±30% (N)
3
30
0.018
3.4
4.7
0.9 ± 0.1
NFM0806T_R33TR380F
0.33
±20% (M), ±30% (N)
3
21
0.023
3.2
3.8
NFM0806T_R47TR330F
0.47
±20% (M), ±30% (N)
3
18
0.024
3.0
3.3
NFM0806T_R56TR300F
0.56
±20% (M), ±30% (N)
3
17
0.035
2.4
3.0
NFM0806T_1R0TR180F
1.0
±20% (M), ±30% (N)
3
12
0.093
1.8
1.8
NFM0806T_1R5TR160F
1.5
±20% (M), ±30% (N)
3
11
0.125
1.5
1.6
NFM0806T_R47TR400F
0.47
±20% (M), ±30% (N)
3
18
0.020
3.0
4.0
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.
NFM0806 SERIES
0806 CASE SIZE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com