Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFM Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NFM
Description  Surface Mount Multilayer Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFM Datasheet(HTML) 4 Page - NIC-Components Corp.

  NFM Datasheet HTML 1Page - NIC-Components Corp. NFM Datasheet HTML 2Page - NIC-Components Corp. NFM Datasheet HTML 3Page - NIC-Components Corp. NFM Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
REEL DIMENSIONS (mm):
EMbOSSED PLASTIC CARRIER DIMENSIONS (mm)
W
1.5
4.0
±0.1
0.3 Max.
K
A
1.5
4.0
±0.1
3.5
±0.05
2.0
±0.05
CARRIER DIMENSIONS & REEL QUANTITY (mm)
TYPE
Part Thickness
A
B
K max.
Carrier Material
Reel Qty
NFM0805
0.5
1.50 ± 0.10
2.30 ± 0.10
0.80
Paper
5,000
0.9
1.45
Plastic
3,000
NFM0806
0.5
1.90 ± 0.10
0.80
Paper
5,000
0.7
1.05
Paper
4,000
0.9
1.45
Plastic
3,000
PAPER CARRIER DIMENSIONS (mm)
4.0 ±0.1
Sprocket Hole 1.5 +0.1/-0
0.8 Max.
A
4.0 ±0.1
2.0
±0.05
10.0
±1.5
13.0±0.5
2.45 ± 0.2
Surface Mount Multilayer Inductor
NFM Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com