Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM_P Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPIM_P
Description  NPIM Shielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_P Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPIM_P Datasheet HTML 1Page - NIC-Components Corp. NPIM_P Datasheet HTML 2Page - NIC-Components Corp. NPIM_P Datasheet HTML 3Page - NIC-Components Corp. NPIM_P Datasheet HTML 4Page - NIC-Components Corp. NPIM_P Datasheet HTML 5Page - NIC-Components Corp. NPIM_P Datasheet HTML 6Page - NIC-Components Corp. NPIM_P Datasheet HTML 7Page - NIC-Components Corp. NPIM_P Datasheet HTML 8Page - NIC-Components Corp. NPIM_P Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE Size 58P (5.7 x 5.2 x 1.6)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM58PR33MTRF
0.33 ± 20%
7.5
8.6
11
15
100KHz
NPIM58PR47MTRF
0.47 ± 20%
9.8
11.3
10
14
NPIM58PR68MTRF
0.68 ± 20%
12.4
14.3
9.0
13
NPIM58P1R0MTRF
1.0 ± 20%
18.2
21
6.8
10
NPIM58P1R5MTRF
1.5 ± 20%
26
30
6.0
9.0
NPIM58P2R2MTRF
2.2 ± 20%
42
48.3
4.5
7.5
NPIM58P3R3MTRF
3.3 ± 20%
60
69
3.5
5.0
NPIM58P4R7MTRF
4.7 ± 20%
85
98
3.0
4.5
NPIM58P5R6MTRF
5.6 ± 20%
110
127
2.5
4.0
NPIM58P6R8MTRF
6.8 ± 20%
118
137
2.4
3.5
NPIM58P8R2MTRF
8.2 ± 20%
143
165
2.3
3.0
NPIM58P100MTRF
10 ± 20%
165
190
2.3
2.8
Part Number
STANDARD VALUES - CASE Size 52P (5.7 x 5.2 x 1.8)
Inductance Value
(μH)
Typ. DCR
(mΩ)
Max. DCR
(mΩ)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPIM52PR33MTRF
0.33 ± 20%
6.3
7.3
12
21.3
100KHz
NPIM52PR47MTRF
0.47 ± 20%
7.3
8.6
11.5
18
NPIM52PR68MTRF
0.68 ± 20%
11
12.4
10
12.8
NPIM52P1R0MTRF
1.00 ± 20%
17.5
20
7.0
13.7
NPIM52P1R2MTRF
1.20 ± 20%
23
28
6.2
11
NPIM52P1R5MTRF
1.50 ± 20%
26.5
30.5
5.5
9.8
NPIM52P2R2MTRF
2.20 ± 20%
42
50
4.2
9.0
NPIM52P3R3MTRF
3.30 ± 20%
66
76
3.3
7.3
NPIM52P4R7MTRF
4.70 ± 20%
103
116
2.8
5.0
NPIM52P5R6MTRF
5.60 ± 20%
112
122
2.5
4.0
NPIM52P6R8MTRF
6.80 ± 20%
130
150
2.4
3.8
NPIM52P8R2MTRF
8.2 ± 20%
148
171
2.3
3.5
NPIM52P100MTRF
10 ± 20%
180
199
2.3
3.4
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
Maximum +40°C temperature rise at Irms. Typical -20% inductance change at Isat
NPIM58P Size
NPIM52P Size
Contact NIC for
NPIM_P Performance Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com