Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM_P Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPIM_P
Description  NPIM Shielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_P Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPIM_P Datasheet HTML 1Page - NIC-Components Corp. NPIM_P Datasheet HTML 2Page - NIC-Components Corp. NPIM_P Datasheet HTML 3Page - NIC-Components Corp. NPIM_P Datasheet HTML 4Page - NIC-Components Corp. NPIM_P Datasheet HTML 5Page - NIC-Components Corp. NPIM_P Datasheet HTML 6Page - NIC-Components Corp. NPIM_P Datasheet HTML 7Page - NIC-Components Corp. NPIM_P Datasheet HTML 8Page - NIC-Components Corp. NPIM_P Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__P Series
NPIM Shielded Power Inductors
FEATURES
• SHIELDED POWER INDUCTOR
• MOLDED METAL COMPOSITE CONSTRUCTION
• HIGH SATURATION CURRENT (~ 65A)
• HIGH EFFICIENCY (2X IMPROVEMENT OVER
FERRITE CORE INDUCTORS)
• LOW PROFILES
CHARACTERISTICS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Case Code
NPIM31P
NPIM41P
NPIM42P
NPIM50P
NPIM51P
Inductance Range (μH)
0.47 ~ 1.0
0.1 ~ 10
0.1 ~ 15
0.1 ~ 10
0.33 ~ 10
Case Code
NPIM58P
NPIM52P
NPIM53P
NPIM70P
NPIM71P
Inductance Range (μH)
0.33 ~ 10
0.33 ~ 10
0.33 ~ 10
0.22 ~ 10
0.22 ~ 10
Case Code
NPIM78P
NPIM72P
NPIM73P
NPIM74P
NPIM84P
Inductance Range (μH)
0.33 ~ 10
0.1 ~ 10
0.33 ~ 10
0.22 ~ 33
0.19 ~ 47
Case Code
NPIM104P
NPIM147P
Inductance Range (μH)
0.22 ~ 33
0.33 ~ 10
Operating Temperature Range
(Ambient + Self-Heating)
-40°C ~ +125°C
(-55°C ~ +125°C for 84 and 147 case sizes)
Temperature Rise at Irms
+40°C
Inductance Change at Isat
-20%
Inductance Tolerance
±20% (M), ±30% (Y)
Resistance to Solder Heat
260°C ±5°C for 10 seconds
Series
A
B
C
D
E
F
G
H
NPIM31P
3.5 ± 0.2
3.2 ± 0.2
1.0 ± 0.2
0.7 ± 0.2
1.2 ± 0.2
1.9
4.1
1.45
NPIM41P
4.45 ± 0.25
4.06 ± 0.25
1.0 ± 0.2
0.76 ± 0.30
2.0 ± 0.20
2.2
5.2
2.3
NPIM42P
4.45 ± 0.25
4.06 ± 0.25
1.8 ± 0.2
0.76 ± 0.30
2.0 ± 0.20
2.2
5.2
2.4
NPIM50P
5.7 ± 0.3
5.2 ± 0.2
1.0 ± 0.2
1.1 ± 0.3
2.5 ± 0.3
2.2
6.2
2.8
NPIM51P
5.7 ± 0.3
5.2 ± 0.2
1.3 ± 0.2
1.1 ± 0.3
2.5 ± 0.3
2.2
6.2
2.8
NPIM58P
5.7 ± 0.3
5.2 ± 0.2
1.6 ± 0.2
1.1 ± 0.3
2.5 ± 0.3
2.2
6.2
2.8
NPIM52P
5.7 ± 0.3
5.2 ± 0.2
1.8 ± 0.2
1.1 ± 0.3
2.5 ± 0.3
2.2
6.2
2.8
NPIM53P
5.7 ± 0.3
5.2 ± 0.2
2.8 ± 0.2
1.1 ± 0.3
1.5 ± 0.2
2.5
6.2
1.8
NPIM70P
7.0 ± 0.3
6.6 ± 0.3
1.0 ± 0.2
1.8 ± 0.3
2.5 ± 0.3
2.5
7.7
3.0
NPIM71P
7.0 ± 0.3
6.6 ± 0.3
1.3 ± 0.2
1.8 ± 0.3
3.0 ± 0.3
2.5
7.7
3.5
NPIM78P
7.0 ± 0.3
6.6 ± 0.3
1.6 ± 0.2
1.8 ± 0.3
3.0 ± 0.3
2.5
7.7
3.5
NPIM72P
7.0 ± 0.3
6.6 ± 0.3
1.8 ± 0.2
1.8 ± 0.3
3.0 ± 0.3
2.5
7.7
3.5
NPIM73P
7.0 ± 0.3
6.6 ± 0.3
2.2 ± 0.2
1.8 ± 0.3
3.0 ± 0.3
2.5
7.7
3.5
NPIM74P
7.3 ± 0.3
6.6 ± 0.3
2.8 ± 0.2
1.8 ± 0.3
3.0 ± 0.3
2.5
8.4
3.5
NPIM84P
8.6 ± 0.3
8.0 ± 0.3
3.8 ± 0.2
1.8 ± 0.3
R19 ~ R82 3.0 ± 0.5
1R0 ~ 330 3.2 ± 0.5
4.6
10.6
3.8
NPIM104P
11.0 ± 0.5
10.0 ± 0.3
3.8 ± 0.2
2.3 ± 0.3
3.0 ± 0.3
5.4
13.6
3.5
NPIM147P
13.4 ± 0.5
12.5 ± 0.3
6.8 ± 0.2
2.3 ± 0.3
3.0 ± 0.5
8.0
14.5
5.0
LAND PATTERN
H
G
F
A
E
D
B
1R0
DIMENSIONS (mm)
C


Similar Part No. - NPIM_P

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
NPIM Shielded Power Inductors
More results

Similar Description - NPIM_P

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIM-A NIC-NPIM-A Datasheet
814Kb / 11P
NPIM Shielded Power Inductors
NPIM-B NIC-NPIM-B Datasheet
324Kb / 14P
NPIM Shielded Power Inductors
NPIM-C NIC-NPIM-C Datasheet
126Kb / 4P
NPIM Shielded Power Inductors
NPIM-P NIC-NPIM-P Datasheet
421Kb / 9P
NPIM Shielded Power Inductors
NPIM_C NIC-NPIM_C Datasheet
121Kb / 4P
NPIM Shielded Power Inductors
NPIM_Z NIC-NPIM_Z Datasheet
466Kb / 6P
NPIM Shielded Power Inductors
NPIM_B NIC-NPIM_B Datasheet
338Kb / 14P
NPIM Shielded Power Inductors
NPIM_A NIC-NPIM_A Datasheet
863Kb / 12P
NPIM Shielded Power Inductors
NPIM_L NIC-NPIM_L Datasheet
3Mb / 9P
NPIM Shielded Power Inductors
NPIM_PA NIC-NPIM_PA Datasheet
365Kb / 8P
NPIM Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com