Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS1485 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1485
Description  5V Low Power RS-485 Differential Bus Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1485 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMS1485 Datasheet HTML 1Page - National Semiconductor (TI) LMS1485 Datasheet HTML 2Page - National Semiconductor (TI) LMS1485 Datasheet HTML 3Page - National Semiconductor (TI) LMS1485 Datasheet HTML 4Page - National Semiconductor (TI) LMS1485 Datasheet HTML 5Page - National Semiconductor (TI) LMS1485 Datasheet HTML 6Page - National Semiconductor (TI) LMS1485 Datasheet HTML 7Page - National Semiconductor (TI) LMS1485 Datasheet HTML 8Page - National Semiconductor (TI) LMS1485 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Performance Characteristics
Receiver Output Low Voltage vs. Output Current
Receiver Output High Voltage vs. Output Current
20048813
20048814
Receiver Output High Voltage vs. Temperature
Receiver Output Low Voltage vs. Temperature
20048815
20048816
Driver Differential Output Voltage vs. Output Current
Driver Differential Output Voltage vs. Temperature
R
L =54
Ω
20048817
20048818
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com