Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS1485 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1485
Description  5V Low Power RS-485 Differential Bus Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1485 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS1485 Datasheet HTML 1Page - National Semiconductor (TI) LMS1485 Datasheet HTML 2Page - National Semiconductor (TI) LMS1485 Datasheet HTML 3Page - National Semiconductor (TI) LMS1485 Datasheet HTML 4Page - National Semiconductor (TI) LMS1485 Datasheet HTML 5Page - National Semiconductor (TI) LMS1485 Datasheet HTML 6Page - National Semiconductor (TI) LMS1485 Datasheet HTML 7Page - National Semiconductor (TI) LMS1485 Datasheet HTML 8Page - National Semiconductor (TI) LMS1485 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LMS1485
5V Low Power RS-485 Differential Bus Transceiver
General Description
The LMS1485 is a low power differential bus/line transceiver
designed for high speed bidirectional data communication on
multipoint bus transmission lines. It is designed for balanced
transmission lines. It meets ANSI Standards TIA/EIA
RS422-B, TIA/EIA RS485-A and ITU recommendation and
V.11 and X.27.
The LMS1485 combines a TRI-STATE™ differential line
driver and differential input receiver, both of which operate
from a single 5.0V power supply. The driver and receiver
have an active high and active low, respectively, that can be
externally connected to function as a direction control. The
driver and receiver differential inputs are internally con-
nected to form differential input/output (I/O) bus ports that
are designed to offer minimum loading to bus whenever the
driver is disabled or when V
CC = 0V. These ports feature
wide positive and negative common mode voltage ranges,
making the device suitable for multipoint applications in
noisy environments.
The LMS1485 is build with National’s advanced BiCMOS
process and is available in a 8-Pin SOIC package. It is a
drop-in socket replacement to ADI’s ADM1485 and LTC’s
LT1485.
Features
n
Meet ANSI standard RS-485-A and RS-422-B
n
Data rate 30Mbps
n
Single supply voltage operation, 5V
n
Wide input and output voltage range
n
Thermal shutdown protection
n
Short circuit protection
n
Driver propagation delay 10ns
n
Receiver propagation delay 25ns
n
High impedance outputs with power off
n
Open circuit fail-safe for receiver
n
Extended operating temperature range −40˚C to 85˚C
n
ESD rating 8kV HBM
n
Drop-in replacement to ADM1485 and LT1485
n
Available in 8-pin SOIC
n
Low supply current, I
CC = 1mA
Applications
n
Low power RS-485 systems
n
Network hubs, bridges, and routers
n
Point of sales equipment (ATM, barcode scanners,…)
n
Local area networks (LAN)
n
Integrated service digital network (ISDN)
n
Industrial programmable logic controllers
n
High speed parallel and serial applications
n
Multipoint applications with noisy environment
Typical Application
20048801
A typical multipoint application is shown in the above figure. Terminating resistors, RT, are typically required but only located at the two ends of the cable.
Pull up and pull down resistors maybe required at the end of the bus to provide failsafe biasing. The biasing resistors provide a bias to the cable when all
drivers are in TRI-STATE, See National Application Note, AN-847 for further information.
July 2003
© 2003 National Semiconductor Corporation
DS200488
www.national.com


Similar Part No. - LMS1485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487CM NSC-LMS1487CM Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487CMX NSC-LMS1487CMX Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487CNA NSC-LMS1487CNA Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
More results

Similar Description - LMS1485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
logo
Sipex Corporation
SP495 SIPEX-SP495 Datasheet
60Kb / 6P
Quad Differential RS-485 Transceiver
logo
Burr-Brown (TI)
ISO485 BURR-BROWN-ISO485 Datasheet
177Kb / 11P
Isolated RS-485 DIFFERENTIAL BUS TRANSCEIVER
logo
Sipex Corporation
SP495 SIPEX-SP495 Datasheet
60Kb / 6P
Quad Differential RS-485 Transceiver
logo
National Semiconductor ...
LMS485 NSC-LMS485 Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
5V Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS485E NSC-LMS485E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
LMS1487E NSC-LMS1487E Datasheet
248Kb / 13P
Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
Feature Integration Tec...
F81485 FINTEK-F81485 Datasheet
155Kb / 12P
5V Low Power RS-485 Interface Transceiver
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com