Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2542 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2542
Description  PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2542 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LMX2542 Datasheet HTML 14Page - National Semiconductor (TI) LMX2542 Datasheet HTML 15Page - National Semiconductor (TI) LMX2542 Datasheet HTML 16Page - National Semiconductor (TI) LMX2542 Datasheet HTML 17Page - National Semiconductor (TI) LMX2542 Datasheet HTML 18Page - National Semiconductor (TI) LMX2542 Datasheet HTML 19Page - National Semiconductor (TI) LMX2542 Datasheet HTML 20Page - National Semiconductor (TI) LMX2542 Datasheet HTML 21Page - National Semiconductor (TI) LMX2542 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
2.0 Programming Description (Continued)
2.7 R5 REGISTER
The R5 register contains the IF_R control word. The register address bits are R5[4:0] = 01111. Register R5 is active only when
the SPI_DEF bit in Register R0 is set to 0. Regsiter R5 should only be used to set the IF R counter if the default value is not
desired. The detailed description and programming information for this control word is discussed in the following section.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
MSB
SHIFT REGISTER BIT LOCATION
LSB
DATA[18:0] FIELD
ADDRESS
[4:0]
FIELD
R5
0000000000
IF_R
[8:0]
01111
2.7.1 IF_R[8:0] - IF Synthesizer Programmable Reference Divider (R5[13:5])
The IF_R control word is used to setup the IF synthesizer’s reference divider. The IF_R control word can be programmed to
values ranging from 2 to 511. Divide ratios less than 2 are prohibited.
Divide Ratio
IF_R[8:0]
87654321
0
2
00000001
0
3
00000001
1
•
••••••••
•
511
11111111
1
2.8 R6 REGISTER
The R6 register is used for internal testing of the device and is not intended for customer use. The register address bits are
R6[5:0] = 011111. Register R6 is active only when the SPI_DEF bit in Register R0 is set to 0.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
MSB
SHIFT REGISTER BIT LOCATION
LSB
DATA[17:0] FIELD
ADDRESS
[5:0]
FIELD
R6
000000011111111111
011111
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com