Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2542 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2542
Description  PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2542 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2542 Datasheet HTML 8Page - National Semiconductor (TI) LMX2542 Datasheet HTML 9Page - National Semiconductor (TI) LMX2542 Datasheet HTML 10Page - National Semiconductor (TI) LMX2542 Datasheet HTML 11Page - National Semiconductor (TI) LMX2542 Datasheet HTML 12Page - National Semiconductor (TI) LMX2542 Datasheet HTML 13Page - National Semiconductor (TI) LMX2542 Datasheet HTML 14Page - National Semiconductor (TI) LMX2542 Datasheet HTML 15Page - National Semiconductor (TI) LMX2542 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
1.0 Functional Description (Continued)
1.2 VCO FREQUENCY TUNING
The center frequency of the RF VCO is determined mainly
by the resonant frequency of the tank circuit. This tank circuit
is implemented on-chip and requires no external inductor.
LMX2542 actively tunes the tank circuit to the required fre-
quency with the built-in tracking algorithm.
1.3 POWER CONTROL
LMX2542 includes a powerdown mode to reduce the power
consumption. LMX2542 can be powered down when the CE
pin is set LOW, independent of the state of the powerdown
bits. When CE is set HIGH, powerdown is controlled through
the MICROWIRE. The RF and IF circuitries are individually
powered down by setting the RF_EN (R1[3]) and IF_EN
(R2[2]) bits LOW respectively. Refer to Section 2.3.2 and
Section 2.4.1 for details on how to program the RF_EN and
IF_EN bits.
CE Pin
RF_EN
IF_EN
RF
Circuitry
IF
Circuitry
0
X
X
OFF
OFF
1
0
0
OFF
OFF
1
0
1
OFF
ON
1
1
0
ON
OFF
11
1
ON
ON
Note:
1. X refers to a don’t care condition.
2. The RF circuitry includes the whole RF synthesizer sys-
tem (synthesizer and VCO).
3. The IF circuitry includes the IF synthesizer block only.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com