Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG112AID Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LOG112AID
Description  LOGARITHMIC AND LOG RATIO AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG112AID Datasheet(HTML) 8 Page - Texas Instruments

Back Button LOG112AID Datasheet HTML 4Page - Texas Instruments LOG112AID Datasheet HTML 5Page - Texas Instruments LOG112AID Datasheet HTML 6Page - Texas Instruments LOG112AID Datasheet HTML 7Page - Texas Instruments LOG112AID Datasheet HTML 8Page - Texas Instruments LOG112AID Datasheet HTML 9Page - Texas Instruments LOG112AID Datasheet HTML 10Page - Texas Instruments LOG112AID Datasheet HTML 11Page - Texas Instruments LOG112AID Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LOG112, 2112
8
SBOS246C
www.ti.com
FIGURE 7. Precision Current Inverter/Current Source.
1.5k
Ω
Photodiode
10nA to 1mA
10nA to 1mA
+5V
+5V
1k
Ω
+3.3V
+3.3V
1/2
OPA2335
1/2
OPA2335
BSH203
TLV271 or 1/2 OPA2335
Back Bias
LOG112
Pin 1 or Pin 14
Figure 5 shows a low-level current source using a series
resistor. The low offset op amp reduces the effect of the
LOG112 and LOG2112’s input offset voltage.
FREQUENCY COMPENSATION
Frequency compensation for the LOG112 is obtained by
connecting a capacitor between pins 5 and 14. Frequency
compensation for the LOG2112 is obtained by connecting a
capacitor between pins 2 and 5, or 15 and 12. The size of the
capacitor is a function of the input currents, as shown in the
Typical Characteristic curves (Minimum Value of Compensa-
tion Capacitor). For any given application, the smallest value
of the capacitor which may be used is determined by the
maximum value of I2 and the minimum value of I1. Larger
values of CC make the LOG112 and LOG2112 more stable,
but reduce the frequency response.
In an application, highest overall bandwidth can be achieved
by detecting the signal level at VOUT, then switching in
appropriate values of compensation capacitors.
NEGATIVE INPUT CURRENTS
The LOG112 and LOG2112 function only with positive input
currents (conventional current flows into input current pins).
In situations where negative input currents are needed, the
circuits in Figures 6, 7, and 8 may be used.
FIGURE 5. Current Source with Offset Compensation.
10M
Ω
+25mV
100k
Ω
–2.5V
+2.5V
OPA335
100
Ω
I
1 = 2.5nA to 1mA
I
2 = 2.5nA
V
LOGOUT
C
C
14
1
910
V–
LOG112
6
5
V+
8
V
REF
Chopper Op Amp
GND
FIGURE 6. Current Inverter/Current Source.
Q
B
National
LM394
I
IN
I
OUT
D
1
OPA703
D
2
Q
A
FREQUENCY RESPONSE
The frequency response curves seen in the Typical Charac-
teristic curves are shown for constant DC I1 and I2 with a
small-signal AC current on one input.
The 3dB frequency response of the LOG112 and LOG2112 are
a function of the magnitude of the input current levels and of the
value of the frequency compensation capacitor. See typical
characteristic curve “3dB Frequency Response” for details.
The transient response of the LOG112 and LOG2112 are
different for increasing and decreasing signals. This is due to
the fact that a log amp is a nonlinear gain element and has
different gains at different levels of input signals. Smaller
input currents require greater gain to maintain full dynamic
range, and will slow the frequency response of the LOG112
and LOG2112.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com