Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG112AID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LOG112AID
Description  LOGARITHMIC AND LOG RATIO AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG112AID Datasheet(HTML) 9 Page - Texas Instruments

Back Button LOG112AID Datasheet HTML 5Page - Texas Instruments LOG112AID Datasheet HTML 6Page - Texas Instruments LOG112AID Datasheet HTML 7Page - Texas Instruments LOG112AID Datasheet HTML 8Page - Texas Instruments LOG112AID Datasheet HTML 9Page - Texas Instruments LOG112AID Datasheet HTML 10Page - Texas Instruments LOG112AID Datasheet HTML 11Page - Texas Instruments LOG112AID Datasheet HTML 12Page - Texas Instruments LOG112AID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LOG112, 2112
9
SBOS246C
www.ti.com
FIGURE 8. Precision Current Inverter/Current Source.
1k
Ω
+5V
+5V
1.5k
Ω
1.5k
Ω
100k
Ω
10nA to 1mA
LOG112
10nA to 1mA
100k
Ω
100k
Ω
+3.3V
+3.3V
1/2
OPA2335
1/2
OPA2335
Photodiode
Back Bias
Pin 1 or Pin 14
100k
Ω
VOLTAGE INPUTS
The LOG112 and LOG2112 give the best performances with
current inputs. Voltage inputs may be handled directly with
series resistors, but the dynamic input range is limited to
approximately three decades of input voltage by voltage
noise and offsets. The transfer function of Equation 13
applies to this configuration.
ACHIEVING HIGHER ACCURACY WITH HIGHER
INPUT CURRENTS
As input current to the LOG112 increases, output accuracy
degrades. For a 4.5mA input current on
±5V supplies and a
10mA input current on
±12V supplies, total output error can
be between 15% and 25%. Applying a common-mode volt-
age to VCM of at least +1V and up to 2.5V, brings the log
transistors out of saturation and reduces output error to
approximately 10%. To avoid forward biasing a photodiode,
return the cathode to the VCM pin, as shown in Figure 9. To
reverse bias the photodiode, apply a more positive voltage to
the cathode than the anode.
APPLICATION CIRCUITS
LOG RATIO
One of the more common uses of log ratio amplifiers is
to measure absorbance. See Figure 10 for a typical application.
Absorbance of the sample is A = log
λ
1´/ λ1
(3)
If D1 and D2 are matched A ∝ (0.5V) logI1/I2
(4)
FIGURE 9. Extending Input Current Level and Improving Accuracy by Applying a Common-Mode Voltage.
A
2
A
1
Q
1
Q
2
C
C
I
1
V
REF – GND
V
O3
V+ = +5V
GND
LOG112
A
3
R
2
R
1
V
REF
100k
Ω
+2.5V
150k
Ω
R
REF
+IN3
V
LOGOUT
–IN3
V– = –5V
V
CM
I
2
V
REF
65
3
4
7
9
10
13
11
8
14
1
+1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com