Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3985G25R Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD3985G25R
Description  ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3985G25R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD3985G25R Datasheet HTML 4Page - STMicroelectronics LD3985G25R Datasheet HTML 5Page - STMicroelectronics LD3985G25R Datasheet HTML 6Page - STMicroelectronics LD3985G25R Datasheet HTML 7Page - STMicroelectronics LD3985G25R Datasheet HTML 8Page - STMicroelectronics LD3985G25R Datasheet HTML 9Page - STMicroelectronics LD3985G25R Datasheet HTML 10Page - STMicroelectronics LD3985G25R Datasheet HTML 11Page - STMicroelectronics LD3985G25R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LD3985 SERIES
8/14
Figure 20: Line Transient Response
Figure 21: START-UP
Figure 22: TURN-OFF
VI = 3.8V to 4.4V, TJ = 25°C, IO = 150mA, CI = CO = 1µF (X7R),
CBYP = 10nF, Rise-Fall time = 1µsec, VO = 2.7V
VI = 3.3V, IO = 1mA, CI = CO = 1µF (cer), CBYP = 10nF, Tr = 20ns,
VO = 2.8V
VI = 3.3V, IO = 1mA, CI = CO = 1µF (cer), CBYP = 10nF, Tf = 20ns,
VO = 2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com