Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD3985G25R Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD3985G25R
Description  ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3985G25R Datasheet(HTML) 5 Page - STMicroelectronics

  LD3985G25R Datasheet HTML 1Page - STMicroelectronics LD3985G25R Datasheet HTML 2Page - STMicroelectronics LD3985G25R Datasheet HTML 3Page - STMicroelectronics LD3985G25R Datasheet HTML 4Page - STMicroelectronics LD3985G25R Datasheet HTML 5Page - STMicroelectronics LD3985G25R Datasheet HTML 6Page - STMicroelectronics LD3985G25R Datasheet HTML 7Page - STMicroelectronics LD3985G25R Datasheet HTML 8Page - STMicroelectronics LD3985G25R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LD3985 SERIES
5/14
Note 1 – For VO(NOM) < 2V, VI = 2.5V
Note 2 – For VO(NOM) = 1.25V, VI = 2.5V
Note 3 – Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This speci-
fication does not apply for input voltages below 2.5V.
Note 4 – Turn-on time is time measured between the enable input just exceeding VINH High Value and the output voltage just reaching 95%
of its nominal value
Note 5 – Typical thermal protection hysteresis is 20°C
Note 6 - The minimum capacitor value is 1µF, anyway the LD3985 is still stable if the compensation capacitor has a 30% tolerance in all
temperature range.
TYPICAL PERFORMANCE CHARACTERISTICS (Tj = 25°C, VI = VO(NOM) +0.5V, CI = CO = 1µF,
CBYP = 10nF, IO = 1mA, VINH = 1.4V, unless otherwise specified)
Figure 4: Output Voltage vs Temperature
Figure 5: Output Voltage vs Temperature
Figure 6: Output Voltage vs Temperature
Figure 7: Shutdown Voltage vs Temperature
CO
Output Capacitor
Capacitance (Note 6)
1
22
µF
ESR
5
5000
m
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com