Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3741R Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N3741R
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3741R Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N3741R Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3741R Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistors
2N3741R
DESCRIPTION
·
DC Current Gain-
: hFE= 30-100@IC= -250mA
·
Wide Area of Safe Operation
·
Collector-Emitter Saturation Voltage-
: VCE(sat)= -0.6 V(Max)@ IC = -1A
·
High Gain
·
Low Saturation Voltage
APPLICATIONS
·
Designed for use as drivers, switches and medium-power
amplifier and general purpose applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
7.0
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current-Continuous
-4
A
ICM
Collector Current-Peak
-10
A
IB
Base Current
-2
A
PC
Collector Power Dissipation@TC=25℃
25
W
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - 2N3741R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3741R SEME-LAB-2N3741R Datasheet
23Kb / 2P
POWER TRANSISTORS PNP SILICON
More results

Similar Description - 2N3741R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com