Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9181C Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9181C
Description  OCTAL 8 BIT TRIMMER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9181C Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9181C Datasheet HTML 1Page - Micro Analog systems MAS9181C Datasheet HTML 2Page - Micro Analog systems MAS9181C Datasheet HTML 3Page - Micro Analog systems MAS9181C Datasheet HTML 4Page - Micro Analog systems MAS9181C Datasheet HTML 5Page - Micro Analog systems MAS9181C Datasheet HTML 6Page - Micro Analog systems MAS9181C Datasheet HTML 7Page - Micro Analog systems MAS9181C Datasheet HTML 8Page - Micro Analog systems MAS9181C Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DA9181.006
13 October, 1999
3
ABSOLUTE MAXIMUM RATINGS
(conditions)
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.5
18
V
Supply current
IDD
-10
40
mA
I2C-bus line voltage
V(3),V(4)
-0.5
5.9
V
Input voltage
Vin
-0.5
VDD+0.5
V
Output voltage
Vo
-0.5
VDD+0.5
V
Maximum current on any
pin
Imax
10
mA
total power dissipation
Ptot
500
mW
Operating ambient
temperature range
Tamb
-20
+85
oC
Storage temperature range
Tstg
-65
+150
oC
RECOMMEDED OPERATION CONDITIONS
(All voltages are with respect to GND; Tamb = +25
oC; VDD = 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
4.5
12
13.2
V
Supply current
IDD
No loads, Vmax=VDD=12V, All
data=00OCT
3.0
5.0
mA
Total power dissipation
Ptot
No loads, Vmax=VDD=12V, All
data=00OCT
40
60
mW
ELECTRICAL CHARACTERISTICS
Inputs
SDA, SCL input (pins 3, 4)
(All voltages are with respect to GND; Tamb = -20
oC to 85 oC; VDD = 5V to 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input voltage range
VI
-0.5
5.5
V
Input low voltage
VIL
1.0
V
Input high voltage
VIH
3.0
V
Input leakage current
IIL
Vin = 0V or VDD
-1
+1
µA
Power-up reset
3.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com