Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9181C Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9181C
Description  OCTAL 8 BIT TRIMMER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9181C Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9181C Datasheet HTML 1Page - Micro Analog systems MAS9181C Datasheet HTML 2Page - Micro Analog systems MAS9181C Datasheet HTML 3Page - Micro Analog systems MAS9181C Datasheet HTML 4Page - Micro Analog systems MAS9181C Datasheet HTML 5Page - Micro Analog systems MAS9181C Datasheet HTML 6Page - Micro Analog systems MAS9181C Datasheet HTML 7Page - Micro Analog systems MAS9181C Datasheet HTML 8Page - Micro Analog systems MAS9181C Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DA9181.006
13 October, 1999
2
PIN CONFIGURATION
PIN DESCRIPTION
Pin no.
Pin name
*1
*2
I/O
Function
VDD
1
1
P
Positive supply voltage
Vmax
2
2
I
Control input for DAC maximum output voltage
SDA
3
3
I/O
I2C bus serial data input/output
SCL
4
4
I
I2C bus serial data clock
A0
5
6
I
Programmable address bits for I2C bus slave receiver
A1
6
7
I
Programmable address bits for I2C bus slave receiver
A2
7
NC
I
Programmable address bits for I2C bus slave receiver
GND
8
8
G
Ground
DAC0
9
9
O
Analog voltage output
DAC1
10
10
O
Analog voltage output
DAC2
11
11
O
Analog voltage output
DAC3
12
12
O
Analog voltage output
DAC4
13
13
O
Analog voltage output
DAC5
14
14
O
Analog voltage output
DAC6
15
15
O
Analog voltage output
DAC7
16
16
O
Analog voltage output
*1 MAS9181BN (PDIP16)
*2 MAS9181CS (SO16)
PDIP 16
VDD
Vmax
SDA
SCL
A0
A1
A2
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16 DAC7
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
1
2
3
4
5
6
7
8
SO16
9
10
11
12
13
14
15
16 DAC7
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
VDD
Vmax
SDA
SCL
NC
A0
A1
GND
MAS9181BN
MAS9181CS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com