Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9181CS Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9181CS
Description  OCTAL 8 BIT TRIMMER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9181CS Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9181CS Datasheet HTML 1Page - Micro Analog systems MAS9181CS Datasheet HTML 2Page - Micro Analog systems MAS9181CS Datasheet HTML 3Page - Micro Analog systems MAS9181CS Datasheet HTML 4Page - Micro Analog systems MAS9181CS Datasheet HTML 5Page - Micro Analog systems MAS9181CS Datasheet HTML 6Page - Micro Analog systems MAS9181CS Datasheet HTML 7Page - Micro Analog systems MAS9181CS Datasheet HTML 8Page - Micro Analog systems MAS9181CS Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DA9181.006
13 October, 1999
4
ELECTRICAL CHARACTERISTICS
Address Input (pins 5, 6, 7)
(All voltages are with respect to GND; Tamb = -20
oC to 85 oC; VDD = 5V to 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input voltage range
VI
0
VDD
V
Input low voltage
VIL
1.0
V
Input high voltage
VIH
3.0
V
Input current low
IIL
-10
-15
µA
Input current high
IIH
1
µA
Vmax Control Input for DAC maximum output voltage (pin 2)
(All voltages are with respect to GND; Tamb = -20
oC to 85 oC; VDD = 5V to 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Pin 2 current
I2
7
10
µA
Outputs
(All voltages are with respect to GND; Tamb = -20
oC to 85 oC; VDD = 5V to 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Io = +/- 100 µA
0.1
VDD-0.1
V
DAC output (pin 9 to 16)
Output voltage range
Vo
Io = +/- 500 µA
0.2
VDD-0.2
V
Output impedance
Zo
data = 7F
30
Ω
DAC output drive range
Io
Upper side saturation voltage= 0.2v
Low side saturation voltage = 0.2v
-1
1
mA
Output capacitive load
Co
2
nF
SDA Output (pin 3)
(All voltages are with respect to GND; Tamb = -20
oC to 85 oC; VDD = 5V to 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage low
VOL
I3 = 3.0 mA
0.4
V
Linearity
(All voltages are with respect to GND; Tamb = -20
oC to 85 oC; VDD = 5V to 12V unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Differential nonlinearity
DNL
Io = 0 (without load)
Vmax = VDD-1.0
-1
1
LSB
Integral nonlinearity
INL
Io = 0 (without load)
Vmax = VDD-1.0
-1.5
1.5
LSB
Zero code error1
ZCE
data = 00
10
30
mV
Power supply rejection1
PSRR
5
mV/V
Zero code temperature coefficient1
TCo
-200
200
µV/oC
Note 1: Guaranteed by design but not production tested



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com