Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9181CS Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9181CS
Description  OCTAL 8 BIT TRIMMER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9181CS Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9181CS Datasheet HTML 1Page - Micro Analog systems MAS9181CS Datasheet HTML 2Page - Micro Analog systems MAS9181CS Datasheet HTML 3Page - Micro Analog systems MAS9181CS Datasheet HTML 4Page - Micro Analog systems MAS9181CS Datasheet HTML 5Page - Micro Analog systems MAS9181CS Datasheet HTML 6Page - Micro Analog systems MAS9181CS Datasheet HTML 7Page - Micro Analog systems MAS9181CS Datasheet HTML 8Page - Micro Analog systems MAS9181CS Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DA9181.006
13 October, 1999
1
MAS9181B/C
OCTAL 8-BIT TRIMMER IC
· Eight discrete DACs
· I
2C-bus slave receiver
· Voltage output
DESCRIPTION
The MAS9181 comprises eight digital to analog
converters (DACs) each controlled by a two-wire I2C
bus. The DACs are individually programmed using an 8-
bit word to select an output from one of 256 voltage
steps. The maximum output voltage of all DACs is set
by Vmax and the resolution is Vmax/256. At power-on all
outputs are set to their lowest value. The I2C-bus slave
receiver has 3 programmable address pins (2 for
MAS9181 CS).
FEATURES
APPLICATION
· Rail to rail output stages
· Octal 8-bit DACs on a single monolithic chip
· Power supply range from +5 V to +12 V
· -20
°C to +85°C temperature range
· 16-pin PDIL and SO package
· Power-up reset
· Trimmer replacement
· AGC/AFT or TVs and VCRs
· Graphic equalizers
· High resolution monitors
BLOCK DIAGRAM
Reference
Voltage
Generator
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
DAC7
8-BIT DAC
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
VDD
A0
SDA
SCL
A1
A2
Vmax
GND
I C Bus
Slave
Receiver
2


Similar Part No. - MAS9181CS

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9180 MAS-MAS9180 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1TC00 MAS-MAS9180A1TC00 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UA06 MAS-MAS9180A1UA06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UC06 MAS-MAS9180A1UC06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A5TC00 MAS-MAS9180A5TC00 Datasheet
278Kb / 15P
AM Receiver IC
More results

Similar Description - MAS9181CS

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS8444A MAS-MAS8444A Datasheet
1Mb / 9P
OCTAL 6-BIT TRIMMER IC
logo
Analog Devices
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD8801 AD-AD8801_15 Datasheet
216Kb / 16P
Octal 8-Bit TrimDAC
REV. A
logo
Linear Technology
LTC1665 LINER-LTC1665_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
logo
Analog Devices
AD7228 AD-AD7228 Datasheet
457Kb / 16P
LC2MOS Octal 8-Bit DAC
12-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com