Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4091ASA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4091ASA
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4091ASA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4091ASA Datasheet HTML 1Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 2Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 3Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 4Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 5Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 6Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 7Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 8Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.7V to 6V, VEE = GND, VCM = 0, VOUT = VCC/2, TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input-Noise Voltage Density
eN
f = 10kHz
12
nV
/√Hz
Input-Noise Current Density
f = 10kHz
1.5
pA
/√Hz
Noise Voltage
(0.1Hz to 10Hz)
16
µVRMS
Total Harmonic Distortion
Plus Noise
THD + N
f = 1kHz, RL = 10k
Ω, CL = 15pF,
AV = 1, VOUT = 2VP-P
0.003
%
Capacitive-Load Stability
CLOAD
AV = 1
2000
pF
Settling Time
tS
To 0.1%, 2V step
12
µs
Power-On Time
tON
VCC = 0 to 3V step, VIN = VCC/2,
AV = 1
2µs
Op-Amp Isolation
f = 1kHz (MAX4092/MAX4094)
125
dB
ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 6V, VEE = GND, VCM = 0, VOUT = VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values specified at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage Range
VCC
Inferred from PSRR test
2.7
6.0
V
VCC = 2.7V
200
Supply Current
ICC
VCM = VCC/2
VCC = 5V
225
µA
Input Offset Voltage
VOS
VCM = VEE to VCC
±3.5
mV
Input Offset Voltage Tempco
∆VOS/∆T
±2
µV/°C
Input Bias Current
IB
VCM = VEE to VCC
±200
nA
Input Offset Current
IOS
VCM = VEE to VCC
±20
nA
Input Common-Mode Range
VCM
Inferred from CMRR test
VEE - 0.05
VCC + 0.05
V
Common-Mode Rejection Ratio
CMRR
(VEE - 0.05V)
≤ VCM ≤ (VCC + 0.05V)
62
dB
Power-Supply Rejection Ratio
PSRR
2.7V
≤ VCC ≤ 6V
80
dB
Sourcing
82
VCC = 2.7V, RL = 100k
Ω
0.25V
≤ VOUT ≤ 2.45V
Sinking
80
Sourcing
90
VCC = 2.7V, RL = 1k
Ω
0.5V
≤ VOUT ≤ 2.2V
Sinking
76
Sourcing
86
VCC = 5V, RL = 100k
Ω
0.25V
≤ VOUT ≤ 4.75V
Sinking
82
Sourcing
94
Large-Signal Voltage Gain
(Note 1)
AVOL
VCC = 5V, RL = 1k
Ω
0.5V
≤ VOUT ≤ 4.5V
Sinking
80
dB
RL = 100k
Ω
75
Output Voltage Swing High
(Note 1)
VOH
VCC-VOUT
RL = 1k
Ω
250
mV
RL = 100k
Ω
75
Output Voltage Swing Low
(Note 1)
VOL
VOUT-VEE
RL = 1k
Ω
250
mV
Note 1: RL is connected to VEE for AVOL sourcing and VOH tests. RL is connected to VCC for AVOL sinking and VOL tests.
Note 2: All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed
by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com