Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4091ASA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4091ASA
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4091ASA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4091ASA Datasheet HTML 2Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 3Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 4Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 5Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 6Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 7Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 8Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 9Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
6
_______________________________________________________________________________________
100
0
-60
140
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
20
80
TEMPERATURE (
°C)
080
60
40
120
140
160
180
200
-40 -20
20 40 60
100 120
RL TO VEE
VCC = 6V, RL = 1k
W
VCC = 2.7V, RL = 1k
W
VCC = 6V, RL = 100k
W
VCC = 2.7V, RL = 100k
W
1000
0.01
10
10,000
OUTPUT IMPEDANCE
vs. FREQUENCY
0.1
FREQUENCY (kHz)
1
10
100
0.1
1
100
1,000
VCM = VOUT = 2.5V
100
1
0.01
1
VOLTAGE-NOISE DENSITY
vs. FREQUENCY
10
FREQUENCY (kHz)
0.1
10
INPUT REFERRED
5.0
0
0.01
1
CURRENT-NOISE DENSITY
vs. FREQUENCY
1.5
FREQUENCY (kHz)
0.1
10
INPUT REFERRED
0.5
1.0
2.0
2.5
3.0
3.5
4.0
4.5
0.1
0.001
10
1000
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
0.01
FREQUENCY (Hz)
100
10,000
NO LOAD
RL = 10k
9 TO GND
AV = 1
2VP-P SIGNAL
80kHz LOWPASS FILTER
0.1
0.001
4.0
4.2
4.7
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. PEAK-TO-PEAK SIGNAL AMPLITUDE
0.01
PEAK-TO-PEAK SIGNAL AMPLITUDE (V)
4.3
5.0
4.1
4.4 4.5 4.6
4.8 4.9
RL = 10k
9
RL = 100k
9
AV = 1
1kHz SINE
22kHz FILTER
RL TO GND
RL = 1k
9
RL = 2k
9
VIN
50mV/div
SMALL-SIGNAL TRANSIENT RESPONSE
MAX4091 toc25
2
µs/div
VCC = 5V, AV = 1, RL = 10k
Ω
VOUT
50mV/div
VIN
50mV/div
SMALL-SIGNAL TRANSIENT RESPONSE
MAX4091 toc26
2
µs/div
VOUT
50mV/div
VCC = 5V, AV = -1, RL = 10k
Ω
VIN
2V/div
LARGE-SIGNAL TRANSIENT RESPONSE
MAX4091 toc27
20
µs/div
VOUT
2V/div
VCC = 5V, AV = 1, RL = 10k
Ω
Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com