Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9622MW/883 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9622MW/883
Description  Dual Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9622MW/883 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS9622MW/883 Datasheet HTML 1Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 2Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 3Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 4Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 5Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 6Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
Symbol
Parameter
Conditions
Min
Max
Units
SWITCHING CHARACTERISTICS T
A = 25˚C
t
PLH
Propagation Delay
V
+ = 5.0V,
V
− = −10V,
0V
≤ V
I ≤ 3.0V,
C
L = 30 pF
(See
Figure 1)
R
L = 3.9 kΩ
50
ns
to High Level
t
PHL
Propagation Delay
R
L = 390Ω
to Low Level
50
ns
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 2: Unless otherwise specified Min/Max limits apply across the −55˚C to +125˚C temperature range. All typicals are given for VCC = 5V and TA = 25˚C.
Note 3: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 4: Only one output at a time should be shorted.
Note 5: Rating applies to ambient temperatures up to +125˚C. Above 125˚C ambient, derate linearity at 120˚C/W.
Switching Time Test Circuit and Waveforms
Equivalent Circuit
DS009760-4
DS009760-5
FIGURE 1.
DS009760-6
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com