Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9622MW/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9622MW/883
Description  Dual Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9622MW/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS9622MW/883 Datasheet HTML 1Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 2Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 3Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 4Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 5Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 6Page - National Semiconductor (TI) DS9622MW/883 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS9622
Dual Line Receiver
General Description
The DS9622 is a dual line receiver designed to discriminate
a worst case logic swing of 2V from a ±10V common mode
noise signal or ground shift. A 1.5V threshold is built into the
differential amplifier to offer a TTL compatible threshold volt-
age and maximum noise immunity. The offset is obtained by
use of current sources and matched resistors.
The DS9622 allows the choice of output states with the input
open, without affecting circuit performance by use of S3. A
130
Ω terminating resistor is provided at the input of each line
receiver. An enable is also provided for each line receiver.
The output is TTL compatible. The output high level can be
increased to 12V by tying it to a positive supply through a re-
sistor. The output circuits allow wired-OR operation.
Features
n TTL compatible threshold voltage
n Input terminating resistors
n Choice of output state with inputs open
n TTL compatible output
n High common mode
n Wired-OR capability
n Enable inputs
n Logic compatible supply voltages
Connection Diagram
14–Lead DIP
DS009760-2
Top View
For Complete Military 883 Specifications, see RETS Datasheet.
Order Number DS9622ME/883,
DS9622MJ/883 or DS9622MW/883
See NS Package Number E20A, J14A or W14B
October 1993
© 1999 National Semiconductor Corporation
DS009760
www.national.com


Similar Part No. - DS9622MW/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
Dual Line Receiver
DS9627MJ/883 NSC-DS9627MJ/883 Datasheet
188Kb / 5P
Dual Line Receiver
More results

Similar Description - DS9622MW/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
Dual Line Receiver
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
DUAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
DUAL LINE RECEIVER
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
Dual Line Receiver
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
Dual Line Receiver
February 1996
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com