Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2199BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2199BML
Description  300kHz 4mm4mm Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2199BML Datasheet HTML 1Page - Micrel Semiconductor MIC2199BML Datasheet HTML 2Page - Micrel Semiconductor MIC2199BML Datasheet HTML 3Page - Micrel Semiconductor MIC2199BML Datasheet HTML 4Page - Micrel Semiconductor MIC2199BML Datasheet HTML 5Page - Micrel Semiconductor MIC2199BML Datasheet HTML 6Page - Micrel Semiconductor MIC2199BML Datasheet HTML 7Page - Micrel Semiconductor MIC2199BML Datasheet HTML 8Page - Micrel Semiconductor MIC2199BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
November 2004
3
MIC2199
MIC2199
Micrel
Electrical Characteristics (Note 4)
V
IN = VEN = 12V; TJ = 25°C, unless noted, bold values indicate –40°C ≤ TJ ≤ +125°C
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage Reference
(±1%)
0.792
0.8
0.808
V
Feedback Voltage Reference
(±2%)
0.784
0.816
V
Feedback Voltage Reference
4.5V < V
IN < 32V, 0 < (VCSH – VOUT) < 60mV (±3%)
0.776
0.824
V
Feedback Bias Current
10
nA
Output Voltage Range
0.8
6
V
Output Voltage Line Regulation
V
IN = 4.5V to 32V, VCSH – VOUT = 60mV
0.03
%/V
Output Voltage Load Regulation
25mV < (V
CSH – VOUT) < 60mV
0.5
%
Input and V
DD Supply
Quiescent Current
excluding external MOSFET gate drive current
1.6
2.5
mA
Shutdown Quiescent Current
V
EN/UVLO = 0V
0.1
5
µA
Digital Supply Voltage (V
DD)IL = 0mA to 5mA
4.7
5.0
5.3
V
Undervoltage Lockout
V
IN upper threshold (turn-on threshold)
4.25
4.4
V
V
IN lower threshold (turn-off threshold)
3.95
4.1
V
Enable/UVLO
Enable Input Threshold
0.6
1.1
1.6
V
UVLO Threshold
2.2
2.5
2.8
V
Enable Input Current
V
EN/UVLO = 5V
0.1
5
µA
Current Limit
Current Limit Threshold Voltage
(V
CSH – VOUT)
55
75
95
mV
Error Amplifier
Transconductance Error Amplifier GM
0.2
mS
Oscillator Section
Oscillator Frequency
270
300
330
kHz
Maximum Duty Cycle
80
85
%
Minimum On-Time
170
200
ns
Absolute Maximum Ratings (Note 1)
Analog Supply Voltage (V
IN) ....................................... +34V
Digital Supply Voltage (V
DD) ......................................... +7V
Driver Supply Voltage (B
ST) .................................. VIN + 7V
Sense Voltage (V
OUT, CSH) ............................. 7V to –0.3V
Enable Pin Voltage (V
EN/UVLO) ...................................... VIN
Power Dissipation (P
D)
4×4 MLF™ ................................. 665mW @ TA = 85°C
Ambient Storage Temperature (T
S) ......... –65°C to +150°C
ESD, Note 3
Operating Ratings (Note 2)
Analog Supply Voltage (V
IN) ........................ +4.5V to +32V
Output Voltage Range (V
OUT) ........................ +0.8V to +6V
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
4×4 MLF-12L (θJA) .............................................. 60°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com