Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2199BML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2199BML
Description  300kHz 4mm 횞 4mm Synchronous Buck Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199BML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2199BML Datasheet HTML 1Page - Micrel Semiconductor MIC2199BML Datasheet HTML 2Page - Micrel Semiconductor MIC2199BML Datasheet HTML 3Page - Micrel Semiconductor MIC2199BML Datasheet HTML 4Page - Micrel Semiconductor MIC2199BML Datasheet HTML 5Page - Micrel Semiconductor MIC2199BML Datasheet HTML 6Page - Micrel Semiconductor MIC2199BML Datasheet HTML 7Page - Micrel Semiconductor MIC2199BML Datasheet HTML 8Page - Micrel Semiconductor MIC2199BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2004
1
MIC2199
MIC2199
Micrel
MIC2199
300kHz 4mm ×
×
×
×
× 4mm Synchronous Buck Converter
General Description
The MIC2199 is a high-power 300kHz synchronous buck
DC-to-DC controller housed in a small 4mm × 4mm MLF™
12-lead package. The MIC2199 operates from a wide 4.5V to
32V input and can be programmed for output voltages from
0.8V to 6V. The wide input voltage capability makes the
MIC2199 an ideal solution for point-of-load DC-to-DC con-
version in 5V, 12V, 24V, and 28V systems.
The 300kHz switching frequency allows the use of a small
inductor and small output capacitors. The current mode PWM
control along with the external COMP pin allows for ease of
stability compensation and fast transient response across a
wide range of applications.
An all N-Channel synchronous architecture and powerful
output drivers allow up to 20A of output current capability.
For smaller external components, refer to the 500kHz
MIC2198.
The MIC2199 is available in a 12-pin 4mm × 4mm MLF™
package with a junction temperature range from –40°C to
125°C.
Features
• 4.5V to 32V input range
• 4mm × 4mm MLF™ package
• 300kHz PWM operation
• 95% efficiency
• Output voltage adjustable down to 0.8V
• 20A output current capability
• Drives all N-Channel MOSFETs
• Logic controlled micropower shutdown
• Cycle-by-cycle current limiting
• Adjustable undervoltage lockout
• Frequency foldback overcurrent protection
Applications
• Point-of-load DC-to-DC conversion from 5V, 12V,
24V, 28V supplies
• Telecom equipment
• Wireless modems
• Servers
• Base stations
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MLF and
MicroLeadFrame are trademarks of Amkor Technology, Inc.
Typical Application
IRF7821
IRF7821
2mH
0.01W
VOUT
3.3V/7A
10kW
6.04kW
1nF
VIN
4.5V to 24V
VIN
EN/UVLO
COMP
CSH
LSD
VSW
VDD
BST
HSD
GND
VOUT
FB
2.2nF
2kW
U1 MIC2199BML
SD103BWS
0.1mF
22mF
4.7mF
220mF
4.5V–24V to 3.3V/7A Converter
85.0
90.0
95.0
100.0
02468
I
LOAD
(A)
V
OUT = 3.3V
Efficiency for
V
IN = 5V and VOUT = 3.3V


Similar Part No. - MIC2199BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2199BML MICREL-MIC2199BML Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
More results

Similar Description - MIC2199BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198 Datasheet
216Kb / 15P
500kHz 4mm 횞 4mm Synchronous Buck Controller
logo
Diodes Incorporated
AP1538 DIODES-AP1538 Datasheet
289Kb / 14P
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 2
logo
Linear Technology
LTC3445 LINER-LTC3445 Datasheet
474Kb / 24P
I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
logo
Diodes Incorporated
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Diodes Incorporated
AP1538 DIODES-AP1538_09 Datasheet
312Kb / 13P
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198_05 Datasheet
418Kb / 14P
500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
300KHz, 3A Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com