Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6545 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6545
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6545 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6545 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6545 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2N6545
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1.0A
1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 8A; IB= 2.0A
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1.0A
1.6
V
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
1.0
mA
ICBO
Collector Cutoff Current
VCB= 850V;IE= 0
0.5
mA
hFE-1
DC Current Gain
IC= 2.5A; VCE= 3V
12
60
hFE-2
DC Current Gain
IC= 5A; VCE= 3V
7
35
fT
Current Gain-Bandwidth Product
IC= 0.3A ; VCE= 10V; ftest=1.0MHz
6.0
MHz
Switching times-Resistive Load
td
Delay Time
IC= 5A , VCC= 250V,
IB1= -IB2= 1A, tp= 0.1ms
Duty Cycle≤2.0%
0.05
μ
s
tr
Rise Time
1.0
μ
s
ts
Storage Time
4.0
μ
s
tf
Fall Time
1.0
μ
s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com