Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6545 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6545
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6545 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6545 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6545 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
2N6545
DESCRIPTION
·
Excellent Safe Operating Area
·
High Voltage,High Speed
·
Low Saturation Voltage
APPLICATIONS
·
Designed for high-voltage ,high-speed, power switching in
inductive circuits where fall time is critical. They are partic-
ularly suited for 115 and 220 volt line operated switch-mode
applications such as:
·
Switching regulators
·
PWM inverters and motor controls
·
Solenoid and relay drivers
·
Deflection circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.4
℃
/W
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
850
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current-Continuous
8
A
ICM
Collector Current-Peak
16
A
PC
Collector Power Dissipation@TC=25℃
125
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃


Similar Part No. - 2N6545

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6545 MOSPEC-2N6545 Datasheet
217Kb / 4P
POWER TRANSISTORS(8A,125W)
logo
Central Semiconductor C...
2N6545 CENTRAL-2N6545 Datasheet
51Kb / 1P
POWER TRANSISTORS TO-3 CASE
logo
Seme LAB
2N6545 SEME-LAB-2N6545 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Central Semiconductor C...
2N6545 CENTRAL-2N6545 Datasheet
469Kb / 2P
NPN SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6545 NJSEMI-2N6545 Datasheet
97Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results

Similar Description - 2N6545

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com