Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3775BMM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3775BMM
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775BMM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3775BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 9Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 10Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 11Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 12Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 13Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
March 2003
13
MIC3775
MIC3775
Micrel
Package Information
0.008 (0.20)
0.004 (0.10)
0.039 (0.99)
0.035 (0.89)
0.021 (0.53)
0.012 (0.03) R
0.0256 (0.65) TYP
0.012 (0.30) R
5
° MAX
0
° MIN
0.122 (3.10)
0.112 (2.84)
0.120 (3.05)
0.116 (2.95)
0.012 (0.3)
0.007 (0.18)
0.005 (0.13)
0.043 (1.09)
0.038 (0.97)
0.036 (0.90)
0.032 (0.81)
DIMENSIONS:
INCH (MM)
0.199 (5.05)
0.187 (4.74)
8-Lead MSOP (MM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com