Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3775BMM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC3775BMM
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775BMM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC3775BMM Datasheet HTML 1Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 2Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 3Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 4Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 5Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
March 2003
3
MIC3775
MIC3775
Micrel
Electrical Characteristics (Note 5)
V
IN = VOUT + 1V; VEN = 2.25V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Output Voltage
10mA
–11
%
10mA
≤ I
OUT ≤ 750mA, VOUT + 1V ≤ VIN ≤ 6V
–22
%
Line Regulation
I
OUT = 10mA, VOUT + 1V ≤ VIN ≤ 6V
0.06
0.5
%
Load Regulation
V
IN = VOUT + 1V, 10mA ≤ IOUT ≤ 750mA,
0.2
1
%
∆V
OUT/∆T
Output Voltage Temp. Coefficient,
40
ppm/
°C
Note 6
V
DO
Dropout Voltage, Note 7
I
OUT = 100mA, ∆VOUT = –1%
125
200
mV
250
mV
I
OUT = 500mA, ∆VOUT = –1%
210
mV
I
OUT = 750mA, ∆VOUT = –1%
280
500
mV
I
GND
Ground Current, Note 8
I
OUT = 100mA, VIN = VOUT + 1V
700
µA
I
OUT = 500mA, VIN = VOUT + 1V
3.7
mA
I
OUT = 750mA, VIN = VOUT + 1V
7.5
15
mA
I
OUT(lim)
Current Limit
V
OUT = 0V, VIN = VOUT + 1V
1.6
2.5
A
Enable Input
V
EN
Enable Input Voltage
logic low (off)
0.8
V
logic high (on)
2.25
V
I
EN
Enable Input Current
V
EN = 2.25V
1
10
30
µA
V
EN = 0.8V
2
µA
4
µA
Flag Output
I
FLG(leak)
Output Leakage Current
V
OH = 6V
0.01
1
µA
2
µA
V
FLG(do)
Output Low Voltage
V
IN = 2.250V, IOL, = 250µA
250
500
mV
V
FLG
Low Threshold
% of V
OUT
93
%
High Threshold
% of V
OUT
99.2
%
Hysteresis
1%
Adjustable Output Only
Reference Voltage
1.227
1.240
1.252
V
1.215
1.265
V
Adjust Pin Bias Current
40
80
nA
120
nA
Note 1.
Exceeding the absolute maximum ratings may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
P
D(max) = (TJ(max) – TA) ÷ θJA, where θJA depends upon the printed circuit layout. See “Applications Information.”
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) .................................................... 6.5V
Enable Voltage (V
EN) ................................................. +6.5V
Storage Temperature (T
S) ....................... –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD ......................................................................... Note 3
Operating Ratings (Note 2)
Supply Voltage (V
IN) .................................... +2.25V to +6V
Enable Voltage (V
EN) ......................................... 0V to +6V
Maximum Power Dissipation (P
D(max)) ..................... Note 4
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
MSOP-8
(θ
JA) ...................................................... 80°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com