Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9447
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9447 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9447 Datasheet HTML 1Page - Motorola, Inc MPC9447 Datasheet HTML 2Page - Motorola, Inc MPC9447 Datasheet HTML 3Page - Motorola, Inc MPC9447 Datasheet HTML 4Page - Motorola, Inc MPC9447 Datasheet HTML 5Page - Motorola, Inc MPC9447 Datasheet HTML 6Page - Motorola, Inc MPC9447 Datasheet HTML 7Page - Motorola, Inc MPC9447 Datasheet HTML 8Page - Motorola, Inc MPC9447 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC9447
MOTOROLA
TIMING SOLUTIONS
2
GND
Q2
VCC
Q1
GND
Q0
VCC
GND
GND
Q6
VCC
Q7
GND
Q8
VCC
GND
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345678
24
23
22
21
20
19
18
17
16
MPC9447
Figure 1. Logic Diagram
Figure 2. 32--Lead Pinout (Top View)
0
1
CCLK0
CCLK1
CLK_SEL
CLK_STOP
OE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
VCC
VCC
VCC
CLK
STOP
SYNC
(all input resistors have a value of 25kΩ)
Table 1. Function Table
Control
Default
0
1
CLK_SEL
1
CLK0 input selected
CLK1 input selected
OE
1
Outputs disabled (high--impedance state)a
Outputs enabled
CLK_STOP
1
Outputs synchronously stopped in logic low state
Outputs active
a. OE = 0 will high--impedance tristate all outputs independent on CLK_STOP
Table 2. Pin Configuration
Pin
I/O
Type
Function
CCLK0
Input
LVCMOS
Clock signal input
CCLK1
Input
LVCMOS
Alternative clock signal input
CLK_SEL
Input
LVCMOS
Clock input select
CLK_STOP
Input
LVCMOS
Clock output enable/disable
OE
Input
LVCMOS
Output enable/disable (high--impedance tristate)
Q0--8
Output
LVCMOS
Clock outputs
GND
Supply
Ground
Negative power supply (GND)
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be
connected to the positive power supply for correct operation
Table 3. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output termination voltage
VCC ÷ 2
V
MM
ESD protection (Machine model)
200
V
HBM
ESD protection (Human body model)
2000
V
LU
Latch-up immunity
200
mA
CPD
Power dissipation capacitance
10
pF
Per output
CIN
Input capacitance
4.0
pF
Inputs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com