Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9447 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9447
Description  3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9447 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9447 Datasheet HTML 1Page - Motorola, Inc MPC9447 Datasheet HTML 2Page - Motorola, Inc MPC9447 Datasheet HTML 3Page - Motorola, Inc MPC9447 Datasheet HTML 4Page - Motorola, Inc MPC9447 Datasheet HTML 5Page - Motorola, Inc MPC9447 Datasheet HTML 6Page - Motorola, Inc MPC9447 Datasheet HTML 7Page - Motorola, Inc MPC9447 Datasheet HTML 8Page - Motorola, Inc MPC9447 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC9447/D
Rev 2, 04/2003
© Motorola, Inc. 2003
3.3V/2.5V 1:9 LVCMOS Clock
Fanout Buffer
The MPC9447 is a 3.3V or 2.5V compatible, 1:9 clock fanout buffer
targeted for high performance clock tree applications. With output
frequencies up to 350 MHz and output skews less than 150 ps, the device
meets the needs of most demanding clock applications.
Features
• 9 LVCMOS Compatible Clock Outputs
• 2 Selectable, LVCMOS Compatible Inputs
• Maximum Clock Frequency of 350 MHz
• Maximum Clock Skew of 150 ps
• Synchronous Output Stop in Logic Low State Eliminates Output Runt
Pulses
• High--Impedance Output Control
• 3.3V or 2.5V Power Supply
• Drives up to 18 Series Terminated Clock Lines
• Ambient Temperature Range --40_Cto+85_C
• 32 Lead LQFP Packaging
• Supports Clock Distribution in Networking, Telecommunications, and
Computer Applications
• Pin and Function Compatible to MPC947
Functional Description
MPC9447 is specifically designed to distribute LVCMOS compatible
clock signals up to a frequency of 350 MHz. Each output provides a
precise copy of the input signal with a near zero skew. The outputs buffers
support driving of 50Ω terminated transmission lines on the incident
edge: each is capable of driving either one parallel terminated or two
series terminated transmission lines.
Two selectable independent LVCMOS compatible clock inputs are available, providing support of redundant clock source
systems. The MPC9447 CLK_STOP control is synchronous to the falling edge of the input clock. It allows the start and stop of the
output clock signal only in a logic low state, thus eliminating potential output runt pulses. Applying the OE control will force the
outputs into high--impedance mode.
All inputs have an internal pull--up or pull--down resistor preventing unused and open inputs from floating. The device supports
a 2.5V or 3.3V power supply and an ambient temperature range of --40_Cto+85_C. The MPC9447 is pin and function compatible
but performance--enhanced to the MPC947.
FA SUFFIX
32--LEAD LQFP PACKAGE
CASE 873A
MPC9447
LOW VOLTAGE
3.3 V/2.5 V LVCMOS 1:9
CLOCK FANOUT BUFFER
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9447

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
logo
Integrated Circuit Solu...
MPC9447FA ICSI-MPC9447FA Datasheet
305Kb / 11P
9 LVCMOS Compatible Clock Outputs
More results

Similar Description - MPC9447

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9447 IDT-MPC9447 Datasheet
379Kb / 9P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180B AKM-AK8180B Datasheet
669Kb / 12P
2.5V, 3.3V LVCMOS 1:9 Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com