Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT1202 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # SFT1202
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SFT1202 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  SFT1202 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SFT1202 Datasheet HTML 2Page - Inchange Semiconductor Company Limited SFT1202 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
SFT1202
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=10uA,IC=0
7
V
V (BR)CEO)
Collector-Emitter Breakdown Voltage
IC=1mA, IB=0
150
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC=10uA ,IE=0
180
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 100mA
0.165
V
IC= 0.5A; IB= 50mA
0.1
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -1A; IB= 100mA
1.2
V
ICBO
Collector Cutoff Current
VCB= 80V; IE= 0
1
uA
IEBO
Emitter Cutoff Current
VEB= 4V; IC=0
1
uA
hFE
DC Current Gain
IC= 100mA; VCE= 5V
200
560
fT
Current-Gain—Bandwidth Product
IC= 300mA ;VCE= 10V
140
MHZ
COB
Output Capacitance
VCB=10V;f=1.0MHz
12
pF
Switching Times; Resistive Load
ton
Tur-on Time
IC= 10A; VCC= 75V;
IB= -0.5A
50
ns
ts
Storage Time
1.46
us
tf
Fall Time
70
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com