Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT1202 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # SFT1202
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SFT1202 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  SFT1202 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SFT1202 Datasheet HTML 2Page - Inchange Semiconductor Company Limited SFT1202 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
SFT1202
DESCRIPTION
·
Low Collector-Emitter Saturation Voltage-
: VCE(sat)= 0.165V(Max)( IC= 1A; IB= 0.1A)
·
Fast -Switching speed
·
High allowable power dissipation
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
DC/DC converter
·
Relay dirvers
·
Lamp dirvers
·
Motor dirvers,inverter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
180
V
VCEO
Collector-Emitter Voltage
150
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
2
A
ICM
Collector Current-Peak
3
A
IB
Base Current
0.4
A
PC
Collector Power Dissipation
Ta=25℃
1
W
Total Power Dissipation
@ TC=25℃
15
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - SFT1202

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SFT1202 SANYO-SFT1202 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
ON Semiconductor
SFT1202 ONSEMI-SFT1202 Datasheet
412Kb / 9P
Bipolar Transistor
September, 2013
SFT1202-E ONSEMI-SFT1202-E Datasheet
412Kb / 9P
Bipolar Transistor
September, 2013
logo
Inchange Semiconductor ...
SFT1202-E ISC-SFT1202-E Datasheet
279Kb / 2P
Silicon NPN Power Transistor
logo
ON Semiconductor
SFT1202-TL-E ONSEMI-SFT1202-TL-E Datasheet
412Kb / 9P
Bipolar Transistor
September, 2013
More results

Similar Description - SFT1202

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com