Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASE4R0E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # PASE4R0E
Description  Radial Lead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

PASE4R0E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  PASE4R0E Datasheet HTML 1Page - United Chemi-Con, Inc. PASE4R0E Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
●
Super low ESR, high ripple current capability
●
Downsized from PSC series (
φ8×8L toφ6.3×8L)
●
Endurance is longer life than PSC series (5,000 hours at 105℃)
●
ESR after endurance is specified within the initial spec
●
Rated voltage range : 2.5 to 6.3Vdc
●
RoHS Compliant
●
Halogen Free
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 105
℃)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Surge Voltage
Leakage Current
*Note
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max.Impedance Ratio)
Endurance
Bias Humidity Test
Surge Voltage Test
Failure Rate
Items
-55 to +105
℃
2.5 to 6.3Vdc
±20% (M)
Rated voltage(V)
×1.15
I=0.2CV or 500
µA, whichever is greater
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
0.10 max.
Z(-25
℃)/Z(+20℃)≦1.15
Z(-55
℃)/Z(+20℃)≦1.25
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 5,000 hours
at 105
℃.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦The initial specified value
ESR
≦The initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjecting them to DC voltage at 60C,
90 to 95% RH for 1,000 hours.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦The initial specified value
ESR
≦The initial specified value
Leakage current
≦The initial specified value
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105
℃ for 30 seconds
through a protective resistor(R=1k
Ω) and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦The initial specified value
ESR
≦The initial specified value
Leakage current
≦The initial specified value
0.5% per 1,000 hours maximum (Confidence level 60% at 105
℃)
Characteristics
◆DIMENSIONS [mm]
◆MARKING
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105
℃.
Size code
φD
φd
F
φD'
L'
F08
6.3
2.5
0.6
φD+0.5max.
L+1.5max.
H06
8.0
3.5
Coated Case
L'
15min.
4min.
Coated Case
L'
15min.
4min.
F08
H06
E 6D6
820
2.5V
EX) 2.5V820
MF
●
Terminal Code : E
Longer life
Downsized
PSE
PSC
Radial Lead
CAT. No. E1001L
(1/2)


Similar Part No. - PASE4R0E

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
PAS APEX-ELECTRONICS-PAS Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
logo
Mini-Circuits
PAS-1 MINI-PAS-1 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
PAS-1 MINI-PAS-1 Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
logo
Apex Electronics Co., L...
PAS-1012-A3 APEX-ELECTRONICS-PAS-1012-A3 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
PAS-1012-B2 APEX-ELECTRONICS-PAS-1012-B2 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
More results

Similar Description - PASE4R0E

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
Radial Lead Inductors
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
Radial Lead Inductors
logo
Panasonic Semiconductor
EEU-EE2C470 PANASONIC-EEU-EE2C470 Datasheet
91Kb / 4P
Radial Lead Type
logo
United Chemi-Con, Inc.
APSK2R5E CHEMI-CON-APSK2R5E Datasheet
94Kb / 2P
Radial Lead
APSE2R5E CHEMI-CON-APSE2R5E Datasheet
79Kb / 2P
Radial Lead
APSE6R3E CHEMI-CON-APSE6R3E Datasheet
79Kb / 2P
Radial Lead
APSG160E CHEMI-CON-APSG160E Datasheet
86Kb / 2P
Radial Lead
APSG200E CHEMI-CON-APSG200E Datasheet
86Kb / 2P
Radial Lead
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com