Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASE4R0E Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # PASE4R0E
Description  Radial Lead
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

PASE4R0E Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  PASE4R0E Datasheet HTML 1Page - United Chemi-Con, Inc. PASE4R0E Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 820
µF:821)
Lead forming·Taping code
Terminal code
Voltage code (ex. 2.5V:2R5, 4V:4R0, 6.3V:6R3)
Series code
Category
A P S E 2 R 5 E A A 5 6 1
F 0 8 S
M
◆STANDARD RATINGS
□□ : Enter the appropriate lead forming or taping code.
WV(Vdc)
Cap(
µF)
Case size
φD×L(mm)
ESR
(m
Ω max./20℃, 100k to 300kHz)
Rated ripple current
(mArms/105
℃, 100kHz)
Part No.
2.5
680
8
×6
APSE2R5E
□□681MH06S
4,900
8
820
6.3
×8
APSE2R5E
□□821MF08S
5,000
7
4
560
6.3
×8
APSE4R0E
□□561MF08S
5,000
7
6.3
470
6.3
×8
APSE6R3E
□□471MF08S
4,700
8
560
6.3
×8
APSE6R3E
□□561MF08S
4,700
8
Please refer to "Product code guide (conductive polymer type)"
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Radial Lead
CAT. No. E1001L
(2/2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com