Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF031AL55N6E Datasheet(PDF) 4 Page - STMicroelectronics

Part # M68AF031AL55N6E
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AL55N6E Datasheet(HTML) 4 Page - STMicroelectronics

  M68AF031AL55N6E Datasheet HTML 1Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 2Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 3Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 4Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 5Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 6Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 7Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 8Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
M68AF031A
4/22
SUMMARY DESCRIPTION
The M68AF031A is a 256 Kbit (262,144 bit) CMOS
SRAM, organized as 32,768 bytes. The device
features fully static operation requiring no external
clocks or timing strobes, with equal address ac-
cess and cycle times. It requires a single 4.5 to
5.5V supply. This device has an automatic power-
down feature, reducing the power consumption by
over 99% when deselected.
The M68AF031A is available in SO28 (28-lead
Small Outline), PDIP28 (28-pin Plastic Dual-In-
Line) and TSOP28 (28-lead Thin Small Outline,
Standard and Reverse Pinout) packages.
In addition to the standard version, the TSOP28
Standard package is also available in Lead-free
version (standard and Tape & Reel packing), in
compliance with JEDEC Std J-STD-020B, the ST
ECOPACK 7191395 Specification, and the RoHS
(Restriction of Hazardous Substances) directive. It
is also compliant with Lead-free soldering pro-
cesses.
Figure 2. Logic Diagram
Table 1. Signal Names
AI05920C
16
A0-A14
W
DQ0-DQ7
VCC
M68AF031A
G
8
E
VSS
A0-A14
Address Inputs
DQ0-DQ7
Data Input/Output
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com