Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68AF031AL55N6E Datasheet(PDF) 5 Page - STMicroelectronics

Part # M68AF031AL55N6E
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AL55N6E Datasheet(HTML) 5 Page - STMicroelectronics

  M68AF031AL55N6E Datasheet HTML 1Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 2Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 3Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 4Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 5Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 6Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 7Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 8Page - STMicroelectronics M68AF031AL55N6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/22
M68AF031A
Figure 3. SO Connections
Figure 4. DIP Connections
Figure 5. TSOP Connections (Normal)
Figure 6. TSOP Connections (Reverse)
VSS
A12
DQ0
DQ1
DQ2
A13
A14
A0
DQ4
E
DQ7
G
DQ6
DQ5
DQ3
A3
W
A6
A11
A5
VCC
A8
AI05921C
M68AF031A
8
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
A9
A10
22
21
20
19
18
17
A1
A2
1
A7
A4
AI05922C
M68AF031A
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17
A0
DQ4
E
DQ7
G
DQ6
DQ5
DQ3
A3
W
VCC
A1
A2
A4
VSS
A12
DQ0
DQ1
DQ2
A13
A14
A6
A11
A5
A8
A9
A10
A7
E
A14
A10
G
A12
A3
A13
A2
A1
DQ6
A4
A11
A0
DQ7
DQ4
DQ0
DQ1
DQ3
VSS
DQ5
A6
A5
A7
A9
W
VCC
A8
AI07200C
M68AF031A
(Normal)
1
7
28
22
21
15
14
8
DQ2
E
DQ7
A1
GA0
A8
A13
A9
A10
DQ0
A7
A11
A12
A14
DQ2
DQ6
DQ5
DQ3
VSS
DQ1
A6
A5
A4
A2
W
VCC
A3
AI07201C
M68AF031A
(Reverse)
1
7
28
22
21
15
14
8
DQ4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com