Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASHEK_SERIES Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASHEK_SERIES
Description  SMD CRYSTAL OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASHEK_SERIES Datasheet(HTML) 1 Page - Abracon Corporation

  ASHEK_SERIES Datasheet HTML 1Page - Abracon Corporation ASHEK_SERIES Datasheet HTML 2Page - Abracon Corporation ASHEK_SERIES Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Ultra low uA current consumption
with CMOS output
• Miniature ceramic package
(3.2 x 2.5 x 0.9mm)
• Operating Temp -40°C to +85°C
• Start up time less than 1 sec with
supply voltage 1.5 to 5.0V
• Tri-state function
• Pb-free reflow capable
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
2 Faraday | Irvine | CA 92618
Visit www.abracon.com for Terms & Conditions of Sale
ASHEK SERIES
3.2 x 2.5 x 0.9 mm
• General purpose clock generator
for digital systems
• Clock drivers for Real Time Clocks
• Timekeeping in network servers
and computers
• Electricity, gas and water metering
• Portable field communication
• Mobile phone
• Clock & Data recovery
• CCD clock for VTR camera
• Computers and peripherals
• Portable MP3 players & games
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
tel: 949-546-8000 | fax: 949-546-8001
Revised: 10.24.14
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
k
8
6
7
.
2
3
y
c
n
e
u
q
e
r
F
Operating Temperature
-20
+70
°C
See options
C
°
5
2
1
+
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Frequency Tolerance @ +25°C
-15
+5
+25
ppm
m
p
p
0
1
+
0
9
-
y
ti
li
b
a
t
S
y
c
n
e
u
q
e
r
F
- 20 to + 70 ˚C;
referenced to
frequency measured
@ +25˚C
See options
Supply Voltage (Vdd)
3.135
3.3
3.465
V
Standard
4.75
5.0
5.25
Option 2
2.66
2.8
2.94
Option 3
1.71
1.8
1.89
Option 4
1.425
1.5
1.575
Option 5
Supply Current (Idd)
0.9
1.5
uA
no load, Vdd=+ 3.3V
1.8
2.5
no load, Vdd=+ 5.0V
0.8
1.5
no load, Vdd=+ 2.8V
0.6
1.5
no load, Vdd=+ 1.8V
0.5
1.5
no load, Vdd=+ 1.5V
S
O
M
C
F
p
5
1
d
a
o
L
t
u
p
t
u
O
Output Voltage
VOH
Vdd-0.4
V
VOL
4
.
0
Tri-state function
"1" (VIH≥0.8*Vdd or open) : Oscillation
"0" (VIH<0.2*Vdd) : Hi Z
r
a
e
y
t
s
ri
F
C
°
5
2
+
@
m
p
p
0
.
5
+
0
.
5
-
g
n
i
g
A
d
r
a
d
n
a
t
S
%
0
6
0
5
0
4
d
d
V
2
/
1
@
y
rt
e
m
m
y
S
C
˚
5
2
+
@
d
d
V
*
9
.
0
s
1
e
m
i
T
p
u
-t
r
a
t
S
s
n
0
0
2
)
f
T
/r
T
(
e
m
i
T
ll
a
F
/
e
s
i
R
Pb RoHS/RoHS II compliant
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable
32.768kHz CMOS CERAMIC SMD CRYSTAL OSCILLATOR
ESD Sensitive


Similar Part No. - ASHEK_SERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASHEK ABRACON-ASHEK Datasheet
1Mb / 3P
Electricity, gas and water metering
10.24.14
More results

Similar Description - ASHEK_SERIES

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASD_SERIES ABRACON-ASD_SERIES Datasheet
884Kb / 4P
SMD Crystal Oscillator
01.19.15
ASE2_SERIES ABRACON-ASE2_SERIES Datasheet
1Mb / 3P
SMD Crystal Oscillator
08.06.14
ASE3_SERIES ABRACON-ASE3_SERIES Datasheet
2Mb / 3P
SMD Crystal Oscillator
03.05.14
logo
AiT Semiconductor Inc.
KOC2016 AITSEMI-KOC2016 Datasheet
220Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC2520 AITSEMI-KOC2520 Datasheet
218Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC3225 AITSEMI-KOC3225 Datasheet
218Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC5032 AITSEMI-KOC5032 Datasheet
229Kb / 1P
SMD CRYSTAL OSCILLATOR
KOC7050 AITSEMI-KOC7050 Datasheet
226Kb / 1P
SMD CRYSTAL OSCILLATOR
KOM AITSEMI-KOM Datasheet
258Kb / 1P
SMD CRYSTAL OSCILLATOR
logo
ECS, Inc.
ECS-2520MVQ ECS-ECS-2520MVQ Datasheet
401Kb / 2P
SMD MultiVolt Crystal Oscillator
Rev. 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com