Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0309 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0309
Description  ULTRA LOW PROFILE UNSHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0309 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0309 Datasheet HTML 1Page - Abracon Corporation ASPI-0309 Datasheet HTML 2Page - Abracon Corporation ASPI-0309 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0309
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
30 2
3
3
r
e
p
s
E
an
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
Ca
ai
n
r
o
fi
l
92 8
8
6
tel 949-546-8000 | fax 949-546-8001
.
w
w
w
|
abracon.com
Revised: 03.24.11
Visit
www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
、
• Mobile phones
• MP3 & 4 and other portable
communication equipment
• Digital cameras
• Engineering tests
3.0 x 3.0 x 0.8mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
Test Conditions
ULTRA LOW PROFILE UNSHIELDED SMD CHIP POWER INDUCTOR
Inductance: 100kHz,0.3V, Ta=20°C
DCR:
Ta=20°C
Isat:
∆L/L (initial) ≥ -30%
Irms:
∆T ≤ 40°C
Abracon P/N:
ASPI-0309 Series
Operating Temperature & Humidity :
Storage Temperature
& Humidity:
-30
°C to +100°C, 5% to 85% RH. Please avoid moisture due to the humidity.
-20
°C to +60°C, 5% to 85% RH. Please avoid moisture due to the humidity.
• Ideal for design development
• Low DCR
• High reliability to mechanical stress
• Suitable for RoHS reflow profile
Part Number
Inductance
DCR
Saturation
Current
Temperature
Rise Current
Marking
Units
μH±20%
m
Ω±20%
A
A
-
Symbol
L
DCR
Isat*
Irms*
-
ASPI-0309-2R2M
2.2
170
0.98
1.00
E
ASPI-0309-3R3M
3.3
260
0.78
0.82
G
ASPI-0309-4R7M
4.7
340
0.65
0.72
H
ASPI-0309-100M
10
640
0.43
0.55
M
ASPI-0309-220M
22
1930
0.30
0.29
P
ASPI-0309-330M
33
2600
0.25
0.25
Q
ASPI-0309-470M
47
3300
0.21
0.22
R
*The rated current is subject to change depending upon the temperature cooling condition.
ASPI- 0309 -
-
Inductance Code
Please refer to the
table above
Packaging
T: Tap
e and Reel
(1kpcs / reel)
T4: Tape and Reel
(4kpcs / reel)


Similar Part No. - ASPI-0309

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0302 ABRACON-ASPI-0302 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-100 ABRACON-ASPI-0302-100 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-101 ABRACON-ASPI-0302-101 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-120 ABRACON-ASPI-0302-120 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
ASPI-0302-121 ABRACON-ASPI-0302-121 Datasheet
2Mb / 3P
SMD Power Inductor
03.08.12
More results

Similar Description - ASPI-0309

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
SMD Unshielded Power Inductor Series
logo
Abracon Corporation
AISC-1206H ABRACON-AISC-1206H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
12.28.12
ASPI-0310FS ABRACON-ASPI-0310FS Datasheet
1Mb / 3P
ULTRA LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.23.16
ASPI-0840 ABRACON-ASPI-0840 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
10.04.13
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
SMD Unshielded Power Inductor
10.03.13
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
LP_SERIES SEI-LP_SERIES Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com